Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2TS-74-R

  • AI
    The **F2TS-74-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Low Pass Filter** or a high-frequency filter module, often used in telecommunications and radio frequency (RF) applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Low Pass Filter (LPF) | | **Frequency Range** | DC to ~74 MHz (Passband) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Impedance** | 50 Ohms (Standard RF matching) | | **Insertion Loss** | Low (typically < 1.0 dB in passband) | | **Rejection Frequency** | High attenuation above the cutoff frequency | | **RoHS Status** | Compliant (R suffix usually denotes RoHS) | --- ### 2. Functional Electronic Parts & Design The internal architecture of a part like the F2TS-74-R generally consists of several passive stages: * **Inductors (L):** High-precision wire-wound or ceramic multilayer inductors that provide high-frequency resistance. * **Capacitors (C):** High-Q ceramic capacitors that shunt high-frequency noise to the ground. * **Substrate:** A low-loss ceramic or PCB material designed to minimize parasitic capacitance. * **Shielding:** Usually housed in a metal cover or a specialized plastic mold to prevent Electromagnetic Interference (EMI) from affecting the signal. --- ### 3. Applications This part is commonly found in circuits requiring signal cleaning and noise suppression: 1. **ADC/DAC Buffering:** Used after a Digital-to-Analog converter to remove "images" or high-frequency sampling noise. 2. **Transmitter Harmonics:** Placed before an antenna to suppress harmonic emissions that fall outside the 74 MHz range. 3. **Receiver Front-End:** Used to block high-frequency interference from neighboring radio bands. --- ### 4. Circuit Diagram Representation In a schematic, this part is represented as a multi-pole filter block: ```mermaid graph LR Input[In] --- L1((L)) --- L2((L)) --- Output[Out] L1 --- C1((C)) --- GND[Ground] L2 --- C2((C)) --- GND ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact cutoff frequency and roll-off rate for the F2TS-74-R?
    • ⤷ Which manufacturers produce the F2TS-74-R or its direct equivalents?
    • ⤷ What are the footprint dimensions for this SMD package?