Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2TS-82-R/K

  • AI
    The **F2TS-82-R/K** is a specialized precision electronic component, typically categorized as a **Surface Mount Device (SMD) Temperature Compensated Crystal Oscillator (TCXO)** or a high-precision resonator filter, depending on the specific manufacturer's series (commonly associated with brands like NDK or Taitien). Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. Technical Specifications This component is designed for high-stability frequency control in communication devices. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Crystal Oscillator / Filter | | **Standard Frequency** | Varies by sub-model (often 10MHz to 40MHz range) | | **Frequency Tolerance** | ±0.5 ppm to ±2.0 ppm | | **Supply Voltage** | 1.8V to 3.3V DC | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Package Type** | SMD (Surface Mount Device) | | **Dimensions** | Approx. 2.0 x 1.6 mm or 2.5 x 2.0 mm | --- ### 2. Suffix Meanings (-R/K) The suffixes in electronic part numbers usually denote specific packaging or performance variations: * **-R**: Generally stands for **Tape & Reel** packaging, indicating the part is supplied on a reel for automated pick-and-place assembly lines. * **-K**: Often refers to a specific **Tolerance Grade** or a specialized **Temperature Range** (e.g., Extended Industrial). --- ### 3. Key Internal Components The "F2TS" series architecture generally consists of three main electronic stages: 1. **Quartz Crystal Blank**: The heart of the part, precision-cut to vibrate at a specific frequency. 2. **Compensation Circuit**: An internal thermistor network or an integrated circuit (IC) that adjusts the capacitance to counteract frequency drift caused by temperature changes. 3. **Output Buffer**: A CMOS or Clipped Sine Wave output stage that ensures the signal can drive the next stage of the circuit without degradation. --- ### 4. Common Applications Due to its high stability and small footprint, this part is found in: * **GPS/GNSS Modules**: Requires high precision for satellite synchronization. * **Smartphones**: Used for clocking RF transceivers. * **IoT Devices**: Low power consumption and small size are critical for battery-operated sensors. --- ### 5. Equivalent Circuit Diagram While internal to the SMD package, the logical representation follows this structure: ```mermaid graph LR A[Voltage In] --> B[Voltage Regulator] B --> C[Temp Compensation IC] C --> D[Quartz Resonator] D --> E[Output Buffer] E --> F[Frequency Out] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of your specific F2TS-82-R/K unit?
    • ⤷ Do you need the pinout diagram for this SMD package?
    • ⤷ Are you looking for a drop-in replacement or second-source alternative?