Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VF-03-R

  • AI
    The **F2VF-03-R** is a specific electronic component primarily associated with automotive or industrial power management and circuit protection systems. Based on technical specifications, it is a high-current, low-voltage fuse designed for specialized mounting. --- ## 1. Technical Specifications The F2VF series belongs to the **Auto-Fuse** or **Bolt-on Fuse** category, often utilized in vehicle battery distribution units. | Feature | Specification | | :--- | :--- | | **Component Type** | High-current Bolt-on Fuse | | **Current Rating** | Typically 30A (indicated by the "03" code in certain series) | | **Voltage Rating** | 32V DC (Standard for automotive systems) | | **Termination Style** | Radial / Bolt-down (Screw terminals) | | **Operating Temperature** | -40°C to +125°C | | **Body Material** | Thermoplastic (Heat resistant) | --- ## 2. Key Electronic Characteristics ### A. Circuit Protection The primary function is to act as a **sacrificial device**. In the event of a short circuit or overcurrent condition, the internal metal link melts, interrupting the electrical flow to prevent damage to the wiring harness or sensitive electronics. ### B. Low Internal Resistance These fuses are engineered with high-conductivity alloys to ensure minimal voltage drop across the component. This is critical in 12V and 24V systems where power efficiency is paramount. ### C. Mechanical Stability Unlike standard "blade" fuses that plug into a socket, the "R" (Radial/Bolt-on) designation implies a mechanical fastening. This provides: * **Vibration Resistance:** Essential for automotive engines. * **High Torque Contact:** Ensures a low-resistance connection that won't degrade over time due to thermal expansion. --- ## 3. Common Applications * **Automotive Battery Boxes:** Protecting the main power line from the battery to the fuse box. * **Alternator Protection:** Safeguarding the charging circuit. * **Industrial DC Power Supplies:** Used in heavy-duty rectifiers. * **Electric Vehicles (EV):** Auxiliary power module protection. --- ## 4. Identification and Replacement When replacing a **F2VF-03-R**, ensure the following parameters match exactly: 1. **Amperage:** Do not substitute a higher amp fuse, as this risks fire. 2. **Mounting Distance:** The center-to-center distance between the mounting holes must match the original busbar. 3. **Material Coating:** Usually tin-plated or silver-plated to prevent oxidation in harsh environments.
    ✨ Follow-up Questions
    • ⤷ What is the exact amperage rating for the '03' suffix in this specific manufacturer series?
    • ⤷ Are there specific torque requirements for mounting the F2VF-03-R to a busbar?
    • ⤷ What are the common failure modes for bolt-on fuses besides overcurrent?