Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VF-33-R/Q

  • AI
    The part number **F2VF-33-R** or **F2VF-33-Q** typically refers to a **Power Inductor** (Surface Mount Device - SMD) commonly used in automotive and industrial electronics. These components are often manufactured by companies like **Coilcraft** or similar automotive-grade magnetics suppliers. --- ### 1. Component Overview These are high-current, shielded inductors designed for high-frequency DC-DC converters. The suffix (**-R** or **-Q**) usually denotes the packaging type (Tape and Reel) or specific tolerance/performance grades. | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor (SMD) | | **Shielding** | Magnetically Shielded (prevents EMI interference) | | **Application** | DC-DC Converters, VRMs, Automotive Infotainment | | **Standard Compliance** | Often AEC-Q200 (Automotive Grade) | --- ### 2. Technical Specifications While exact values depend on the full alphanumeric code (which usually includes an inductance value), the series generally follows these parameters: * **Inductance Range:** Typically ranges from $0.1 \mu H$ to $100 \mu H$. * **Current Rating:** Designed for high saturation currents ($I_{sat}$) to handle power spikes without the core losing magnetic properties. * **DC Resistance (DCR):** Optimized to be extremely low to minimize power loss and heat generation. * **Operating Temperature:** Generally rated for $-40^\circ C$ to $+125^\circ C$ or higher. --- ### 3. Key Electronic Functions 1. **Energy Storage:** Stores energy in a magnetic field during the "on" cycle of a switching regulator. 2. **Filtering:** Works with capacitors to smooth out output voltage ripples in power supplies. 3. **EMI Suppression:** The shielded construction ensures that magnetic flux remains contained, preventing interference with sensitive nearby components like sensors or microcontrollers. --- ### 4. Typical Applications * **Automotive Systems:** LED lighting drivers, ADAS modules, and Engine Control Units (ECUs). * **Industrial:** High-efficiency point-of-load (POL) converters. * **Consumer Electronics:** Power management in laptops or high-end servers. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value for the F2VF-33-R variant?
    • ⤷ How does magnetic shielding in this inductor reduce EMI in automotive circuits?
    • ⤷ What are the footprint dimensions for the F2VF series?