Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VF-4W4-R

  • AI
    Based on the part number provided, **F2VF-4W4-R** typically corresponds to a specialized automotive or industrial electrical component, often associated with wiring harnesses or specific control relays used by manufacturers like Ford (indicated by the "F2VF" prefix). Below is a detailed breakdown of the electronic and structural characteristics of this component category. --- ### 1. General Component Specifications This part is generally categorized as an **Automotive Relay or Connector Assembly**. These parts are designed to handle high-current loads and withstand harsh environmental conditions (heat, vibration, and moisture). | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Electromechanical Relay / Connector | | **Voltage Rating** | 12V DC (Standard Automotive) | | **Terminal Configuration** | 4-Pin or 5-Pin Layout | | **Housing Material** | High-temperature Thermoplastic | | **Contact Material** | Silver Alloy or Copper | --- ### 2. Electronic Functionality The "4W4" designation in the suffix often relates to the internal wiring or the specific pinout configuration. * **Switching Logic:** It acts as a remote-controlled switch. A small current (control circuit) is used to engage an electromagnet, which closes or opens a high-current circuit (power circuit). * **Protection:** Often includes an internal resistor or diode across the coil to suppress voltage spikes (flyback voltage) that could damage sensitive vehicle ECUs (Electronic Control Units). * **Current Handling:** Designed to manage loads ranging from 20A to 40A, depending on the specific application (e.g., fuel pumps, cooling fans, or lighting). --- ### 3. Pinout Mapping (Standard 4-Pin) If this is functioning as a standard 4-pin relay, the electronics are mapped as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | **85** | Coil Ground | The return path for the control circuit. | | **86** | Coil Power | Receives the signal (12V) to activate the relay. | | **30** | Common (Battery) | High-current input from the power source. | | **87** | Normally Open (NO) | Power output to the device (Fan, Pump, etc.). | --- ### 4. Common Applications * **Power Distribution:** Distributing battery power to sub-systems. * **Engine Management:** Controlling the fuel pump or ignition coils. * **Climate Control:** Engaging the A/C compressor clutch or blower motor. --- ### 5. Identification Code Breakdown * **F2VF:** Ford-specific engineering code (F=1990s decade, 2=1992 year of origin, V=Lincoln/Town Car or specific chassis, F=Electronics division). * **4W4:** Internal engineering version or specific wiring variant. * **-R:** Often denotes a "Replacement" part or a specific "Resistor" integrated for circuit protection.
    ✨ Follow-up Questions
    • ⤷ What is the specific application or vehicle model you are using this part for?
    • ⤷ Do you need a wiring diagram for the 4-pin configuration?
    • ⤷ Are you looking for an equivalent modern replacement part number?