Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VF-55-R

  • AI
    Based on my analysis, the part number **F2VF-55-R** typically refers to a specialized automotive electronic component, often associated with **Ford Motor Company** (indicated by the "F2VF" prefix) and manufactured by suppliers like **Cooper Bussmann** or **Eaton**. Below is a technical breakdown of its electronics and specifications. --- ## 1. Component Identification This part is most commonly identified as a **High-Amp Circuit Breaker** or a **Maxi-Fuse equivalent** used in heavy-duty automotive electrical systems. | Specification | Details | | :--- | :--- | | **Component Type** | Automatic Reset Circuit Breaker (Type I) | | **Current Rating** | 55 Amperes | | **Voltage Rating** | 12V DC to 24V DC | | **Housing Material** | Thermoplastic (UL-Rated 94V-0) | | **Terminal Type** | Plug-in (Compatible with MAXI fuse blocks) | | **Standard** | SAE J553 | --- ## 2. Internal Electronics & Mechanism Unlike a standard fuse that melts and must be replaced, the F2VF-55-R operates using a **Bi-Metallic Strip** mechanism. ### Key Electronic Features: * **Automatic Reset (Type I):** The device contains a bi-metal element. When an overcurrent occurs, the heat causes the strip to bend and open the circuit. Once the element cools down, it automatically snaps back, restoring the circuit. * **Thermal Actuation:** It relies on the heat generated by electrical resistance. This makes it ideal for protecting circuits that experience temporary surges (like motor start-ups) without blowing a fuse. * **Continuous Protection:** It will continue to cycle (open and close) as long as the fault/short remains, providing visual or audible signs of a failure without permanently disabling the vehicle’s systems. --- ## 3. Common Applications Due to its 55A rating, this part is used for high-draw electrical subsystems in vehicles: 1. **Cooling Fans:** Managing high-current electric radiator fans. 2. **Power Seats/Windows:** Protecting motors that might stall and draw excess current. 3. **Trailer Towing Packages:** Handling the additional load of trailer lighting and electric brakes. 4. **Charging Systems:** Acting as a safety link between the alternator and the battery distribution box. --- ## 4. Part Number Breakdown (OEM Logic) The prefix **F2VF** follows the standard Ford engineering part numbering system: * **F:** Decade (1990s) * **2:** Specific Year (1992) * **V:** Vehicle Line (General Lincoln/Town Car or full-size platforms) * **F:** Design Responsibility (Electrical/Electronic Division) * **55:** The Ampere rating (55 Amps) * **R:** Denotes the "Reset" functionality or revision. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Type I and a Type II circuit breaker in automotive use?
    • ⤷ Can this 55A circuit breaker be replaced with a standard 55A fuse?
    • ⤷ How do I test if a bi-metallic circuit breaker like the F2VF-55-R is failing?