Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VF-5W2-R

  • AI
    The part number **F2VF-5W2-R** refers to a specialized high-power electronic resistor, typically categorized as a **Cement Power Resistor**. These components are designed to dissipate significant heat while maintaining stability in power supply and motor control circuits. --- ### 1. Technical Specifications The part number follows a standard nomenclature for power resistors. Below are the typical technical parameters: | Parameter | Specification | | :--- | :--- | | **Resistor Type** | Wirewound (Cement Encapsulated) | | **Power Rating** | 5 Watts | | **Resistance Value** | Determined by "2" (often 2 $\Omega$ or 2.x $\Omega$ depending on series) | | **Tolerance** | $\pm$5% (Standard for "J" or similar series) | | **Mounting Style** | Through-hole (Radial or Vertical) | | **Operating Temp** | -55°C to +155°C | --- ### 2. Physical Construction These resistors are built to withstand extreme electrical stress through a multi-layered design: 1. **Resistive Element:** A high-grade alloy wire (Ni-Cr or Fe-Cr) wound around a ceramic core. 2. **Encapsulation:** The assembly is placed inside a rectangular ceramic (steatite) case. 3. **Filling:** The case is filled with a non-flammable, heat-conductive mineral-based cement or silicone. 4. **Terminals:** Solder-plated copper leads designed for PCB insertion. --- ### 3. Key Features and Benefits * **Heat Dissipation:** The ceramic body provides excellent thermal insulation and heat radiation. * **Flameproof:** Because they are encased in cement, they do not catch fire under extreme overload conditions. * **Durability:** High resistance to moisture and vibration. * **Pulse Handling:** Excellent at handling short-term power surges compared to film resistors. --- ### 4. Common Applications * **Power Supplies:** Used as a "bleeder resistor" to discharge capacitors or as a current limiter. * **Audio Equipment:** Found in speaker crossover networks. * **Industrial:** Motor start/stop circuits and voltage dropping. * **Automotive:** Lighting control circuits and fan speed regulation. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a cement resistor and a metal film resistor?
    • ⤷ How do I calculate if a 5W resistor is sufficient for my circuit?
    • ⤷ What are the common failure modes of wirewound cement resistors?