Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VF-C5-R/Q

  • AI
    ## F2VF-C5-R/Q: Electronic Component Overview The **F2VF-C5-R/Q** typically refers to a specialized automotive or industrial-grade relay assembly, often associated with high-current switching applications. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This component is designed for high reliability in harsh environments, often featuring vibration resistance and high thermal tolerance. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Electromechanical Relay / Power Module | | **Coil Voltage** | 12V DC (Standard Automotive) | | **Contact Arrangement** | SPST (Single Pole Single Throw) or SPDT | | **Current Rating** | 20A - 40A (Load dependent) | | **Mounting Type** | PCB Mount or Plug-in | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Electronic Parts Breakdown The device consists of several internal sub-components that facilitate its switching function: 1. **Electromagnetic Coil:** * Consists of fine copper wire wound around a core. * When energized, it creates a magnetic field to move the internal armature. 2. **Contacts:** * Usually made of **Silver Tin Oxide (AgSnO2)** or **Silver Nickel (AgNi)** to resist welding and arc erosion during high-current switching. 3. **Return Spring:** * A mechanical spring that ensures the contacts return to their default state once power is removed from the coil. 4. **Housing:** * Made of PBT (Polybutylene Terephthalate) or similar high-temp plastic to provide electrical insulation and environmental protection. --- ### 3. Pinout and Terminal Logic While specific diagrams vary by the manufacturer (often Ford/Motorcraft or Omron variants), the logic generally follows standard relay numbering: * **Terminals 85 & 86:** Coil inputs (Trigger circuit). * **Terminal 30:** Common (Main power input). * **Terminal 87:** Normally Open (Output when energized). * **Terminal 87a:** Normally Closed (Output when at rest). --- ### 4. Circuit Protection Requirements To ensure the longevity of the electronic system using this part, the following external components are recommended: ```c // Example: Basic Relay Driver Circuit Logic if (Control_Signal == HIGH) { Activate_Transistor(); // Grounds the Coil (Pin 86) // IMPORTANT: A Flyback Diode should be placed in parallel // with the coil to prevent inductive voltage spikes. } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific application for the F2VF-C5-R/Q in automotive wiring?
    • ⤷ How does the 'R/Q' suffix affect the environmental sealing of the part?
    • ⤷ What are the common failure modes for this specific relay type?