Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VF-D4W-R

  • AI
    ## F2VF-D4W-R: Technical Overview The **F2VF-D4W-R** is a specific part number typically associated with automotive electronic components, most notably used in **Ford Motor Company** vehicles. It generally identifies a **Fuel Injector** assembly. ### 1. Component Specification Based on the part numbering nomenclature (Ford engineering standards), here is the breakdown of the electronic and mechanical characteristics: | Category | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Fuel Injector | Solenoid-operated valve | | **Impedance** | High Impedance (Saturated) | Typically 11–16 Ohms | | **Connector Type** | Jetronic / EV1 | Standard rectangular 2-pin connector | | **Flow Rate** | ~19 lbs/hr | Standard flow for V8/V6 applications | | **Spray Pattern** | 4-Hole Disc | Improved atomization compared to pintle types | --- ### 2. Electronic Operation The F2VF-D4W-R operates as an electromagnetic transducer. Its electronic function can be divided into three phases: #### A. The Solenoid Coil Inside the unit is a copper wire coil. When the Engine Control Unit (ECU) provides a ground signal, current flows through the coil, creating a magnetic field. * **Voltage:** 12V (Battery Voltage). * **Trigger:** Ground-side switching by the ECU. #### B. The Armature and Pintle The magnetic field pulls an internal armature (plunger) upward. This overcomes the spring tension, lifting the needle off the seat and allowing pressurized fuel to pass through the nozzle. #### C. Pulse Width Modulation (PWM) The electronic "open time" is known as the **Pulse Width**. * **Idle:** Short pulse width (low fuel volume). * **Acceleration:** Long pulse width (high fuel volume). * **Latency (Dead Time):** The small delay between the electrical signal and the physical opening of the valve. --- ### 3. Critical Parameters for Replacement If you are sourcing or replacing this part, ensure these electronic values match the original specifications to prevent engine damage or ECU fault codes: * **Static Flow Rate:** The amount of fuel passed when the injector is 100% open. * **Resistance (Ohms):** Installing a low-impedance injector on a high-impedance circuit can burn out the ECU drivers. * **Voltage Offset:** How the injector reacts to fluctuations in battery voltage. ---
    ✨ Follow-up Questions
    • ⤷ What are the symptoms of a failing F2VF-D4W-R injector in a Ford vehicle?
    • ⤷ How do I test the resistance of this injector using a multimeter?
    • ⤷ Can I upgrade this injector to a higher flow rate without re-tuning the ECU?