Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VF-D5-R

  • AI
    The **F2VF-D5-R** refers to a high-performance **VGA/Video Integrated Circuit (IC)** or a specific connector assembly often used in professional audio-visual (AV) switching equipment, specifically associated with **Extron Electronics**. Below is a breakdown of the electronic characteristics and specifications typical of this component series. --- ### 1. General Specifications The "F2VF" series generally denotes a **Female-to-Female** gender configuration, often used as a signal coupler or internal bridge in matrix switchers and distribution amplifiers. | Feature | Specification | | :--- | :--- | | **Connector Type** | 15-pin HD (VGA) | | **Gender** | Female to Female | | **Signal Support** | RGBHV, RGBS, RGsB, YUV | | **Impedance** | 75 Ohms (Standard Video) | | **Mounting Type** | Panel Mount / PCB Through-hole | --- ### 2. Key Electronic Components & Design The "D5" variant typically indicates a specific density or pin-out configuration optimized for high-frequency video signals. * **Shielding:** The outer shell is usually nickel-plated or gold-plated to ensure electromagnetic interference (EMI) suppression. * **Contact Material:** Phosphor bronze or brass with gold plating over nickel to minimize signal attenuation and oxidation. * **Dielectric:** High-temperature thermoplastic (UL 94V-0 rated) to prevent arcing and ensure stability under high thermal loads. * **Termination:** Usually involves a **D-Sub** footprint designed for high-speed data transmission without Ghosting or "ringing" in the video signal. --- ### 3. Pinout Mapping (Standard VGA/High Density) As a "D5" (15-pin) component, the electronic pathing follows the standard VGA/SVGA protocol: | Pin | Function | Description | | :--- | :--- | :--- | | 1, 2, 3 | Red, Green, Blue | Video Analog Signals | | 6, 7, 8 | Ground | Return paths for RGB | | 13 | H-Sync | Horizontal Synchronization | | 14 | V-Sync | Vertical Synchronization | | 9, 12, 15 | DDC/EDID | Data communication between Display and Source | --- ### 4. Common Applications This part is commonly found in: 1. **Matrix Switchers:** Used as the physical interface on the rear I/O panel. 2. **Signal Processors:** Ensuring low-loss transition from internal PCB traces to external cabling. 3. **Custom Wall Plates:** For high-end AV installations requiring 15-pin HD connectivity.
    ✨ Follow-up Questions
    • ⤷ What are the mechanical mounting dimensions for the F2VF series?
    • ⤷ Can this component support digital signals like DVI-A?
    • ⤷ What is the maximum frequency (MHz) rating for this connector?