Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VF-DB-R/Q

  • AI
    The **F2VF-DB-R/Q** appears to be a specific model designation often associated with **high-power semiconductor modules**, specifically those used in industrial power electronics. While specific documentation can vary by manufacturer (often found in the catalogs of brands like Fuji Electric or Mitsubishi), these parts typically fall under the category of **IGBT (Insulated Gate Bipolar Transistor) Modules**. --- ## 1. Core Technical Specifications These modules are designed for high-current and high-voltage applications. Below is a breakdown of the typical electronic characteristics: | Parameter | Description | Typical Value/Range | | :--- | :--- | :--- | | **Component Type** | IGBT Module (2-pack or Dual) | Dual Circuitry | | **Voltage Rating (Vces)** | Collector-Emitter Voltage | 600V - 1200V | | **Current Rating (Ic)** | Continuous Collector Current | 100A - 400A | | **Configuration** | Half-Bridge / Series | Two transistors in one housing | | **Package Style** | M233 or similar industrial housing | Bolt-on terminals | --- ## 2. Key Electronic Features The "R/Q" suffix usually denotes specific revisions or performance tiers regarding switching speed and thermal resistance. * **Insulated Gate Bipolar Transistor (IGBT):** Combines the high-input impedance of a MOSFET with the low-saturation voltage of a bipolar transistor. * **Integrated Freewheeling Diode (FWD):** Includes a fast-recovery diode connected anti-parallel to the IGBT to protect against inductive spikes. * **Low Vce(sat):** Designed for low conduction losses, meaning less heat is generated when the device is "on." * **Isolation:** The baseplate is usually isolated from the active terminals, allowing multiple modules to be mounted on a single heatsink. --- ## 3. Typical Applications These parts are not for consumer electronics but for heavy industrial hardware: 1. **Motor Drives:** Controlling the speed and torque of AC servo motors or induction motors. 2. **Uninterruptible Power Supplies (UPS):** High-power inversion from DC battery banks to AC mains. 3. **Welding Machines:** Managing high-current output for industrial arc welding. 4. **Solar Inverters:** Converting DC energy from solar arrays into grid-compatible AC power. --- ## 4. Connection Diagram (General Concept) The internal structure of a dual (DB) module typically looks like this: ```text Terminal C1 (Collector 1) | [ IGBT 1 ] --- Gate 1 | Terminal E1/C2 (Emitter 1 / Collector 2) | [ IGBT 2 ] --- Gate 2 | Terminal E2 (Emitter 2) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum current rating for the F2VF-DB-R/Q?
    • ⤷ Which manufacturers produce this specific module designation?
    • ⤷ What are the common failure modes for IGBT modules in industrial drives?