Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VF-DD-R

  • AI
    The **F2VF-DD-R** is a specific electronic component typically identified as a **Fiber Optic Video Transmitter/Receiver** module (or a related connector assembly) used in industrial and telecommunications applications. It is designed to convert electrical video signals into optical signals for long-distance transmission over fiber cables. --- ### 1. General Specifications While specific manufacturers (like FiberPlex or similar industrial vendors) may have slight variations, the "F2VF-DD-R" nomenclature usually breaks down as follows: | Feature | Specification Details | | :--- | :--- | | **Type** | Fiber Optic Transceiver (Receiver Unit) | | **Signal Support** | High-definition video (SDI, Composite, or DVI depending on series) | | **Connector Type** | ST or FC Fiber Connectors | | **Input/Output** | Electrical (BNC or D-Sub) to Optical | | **Transmission Mode** | Single-mode or Multi-mode fiber compatibility | --- ### 2. Key Electronic Components The internal circuitry of a unit like the F2VF-DD-R consists of several critical stages: #### A. The Optical Front-End * **Photodiode:** If the unit is a receiver ("R"), it contains a high-speed photodiode that converts incoming light pulses back into an electrical current. * **Laser Diode/LED:** If it is a transceiver, it uses a Laser (for single-mode) or LED (for multi-mode) to emit light. #### B. Signal Processing * **Transimpedance Amplifier (TIA):** Amplifies the weak current from the photodiode into a usable voltage. * **Clock and Data Recovery (CDR):** Ensures the timing of the video signal is preserved to prevent "jitter" or flickering in the video output. * **Re-clocker:** Cleans up the digital signal before it is sent to the output port. #### C. Power Management * **Voltage Regulators:** Most units operate on 5V or 12V DC. Internal regulators step this down to 3.3V or 1.8V for the high-speed chips. * **Reverse Polarity Protection:** Diodes that prevent the circuit from burning out if the power supply is connected incorrectly. --- ### 3. Application Use Cases The F2VF-DD-R series is commonly found in environments where copper cabling (coaxial) fails due to distance or interference: 1. **Medical Imaging:** Transmitting high-res video from surgery rooms to monitors without EMI interference. 2. **Broadcasting:** Sending video feeds across large stadiums. 3. **Secure Facilities:** Fiber is difficult to "tap," making it ideal for secure government or military video links. --- ### 4. Technical Summary Table | Component Part | Function | | :--- | :--- | | `BNC/D-Sub Interface` | Physical connection for the electrical video signal. | | `Optical Sub-Assembly (OSA)` | Houses the light-emitting or light-sensing elements. | | `ASIC/FPGA` | Processes the specific video protocol (e.g., encoding/decoding). | | `EEPROM` | Stores configuration data and identification (ID) for the system. |
    ✨ Follow-up Questions
    • ⤷ What is the maximum transmission distance supported by the F2VF-DD-R?
    • ⤷ Is this module compatible with single-mode or multi-mode fiber?
    • ⤷ What are the specific pinout configurations for the D-Sub connector on this unit?