Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VF-F5W-R

  • AI
    The part number **F2VF-F5W-R** identifies a specific series of **High-Power Current Sense Resistors**, typically manufactured by **Isabellenhütte** or similar high-precision resistor specialists. These components are designed for high-current applications where stability and precision are critical. --- ## 1. Technical Specifications The code describes a low-resistance shunt resistor used to monitor current by measuring the voltage drop across it. | Feature | Description | | :--- | :--- | | **Component Type** | Current Sense / Shunt Resistor | | **Material** | Manganin or Aluchrom (metal alloy) | | **Power Rating** | Generally 3W to 7W (depending on mounting) | | **Resistance Range** | Typically very low (milli-Ohms range) | | **Tolerance** | High precision (usually ±0.5% or ±1%) | | **Operating Temp** | -55°C to +170°C | --- ## 2. Key Electronic Properties ### A. Low TCR (Temperature Coefficient of Resistance) The "F2V" series is known for its extremely low TCR. This means the resistance value remains stable even as the component heats up due to high current flow. This prevents measurement errors in power electronics. ### B. Four-Terminal (Kelvin) Connection The "F" and "V" in the series often refer to the physical configuration. These resistors frequently utilize a **Kelvin connection** (4-lead design): * **Two leads** carry the high current. * **Two leads** are used for voltage sensing. * *Benefit:* This eliminates the influence of lead resistance on the measurement. ### C. Pulse Stability These resistors are built using a solid metal element (not a thin film), allowing them to handle high energy pulses and short-term overloads without failing. --- ## 3. Typical Applications Because of its ability to handle high power and provide precise feedback, this part is found in: 1. **Automotive Electronics:** Battery management systems (BMS) and Electronic Power Steering (EPS). 2. **Power Converters:** DC/DC converters and AC/DC inverters. 3. **Industrial:** Motor control drives and power supply units. 4. **Smart Grid:** Energy meters and distribution monitoring. --- ## 4. Understanding the Part Code (Breakdown) ```text F2VF - F5W - R | | | | | +-- Resistance Value (R = Ohm placement or Reel packaging) | +-------- Power/Size Variant (5 Watt class) +--------------- Series Identifier (Kelvin connection, Metal element) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the 'R' suffix in this specific manufacturer code?
    • ⤷ How does a 4-terminal Kelvin connection improve accuracy over a standard 2-terminal resistor?
    • ⤷ What are the recommended PCB footprint considerations for dissipating heat from a 5W shunt resistor?