Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VF-G5W-R

  • AI
    The **F2VF-G5W-R** is a specialized automotive-grade power relay manufactured by **Fujitsu**. It is designed specifically for high-current applications within vehicle systems, particularly those requiring compact form factors and high reliability under extreme environmental conditions. --- ## 1. Core Technical Specifications The following table highlights the primary electrical and physical characteristics of the F2VF-G5W-R relay: | Parameter | Specification | | :--- | :--- | | **Contact Arrangement** | 1 Form U (SPST-NO, Double Make) | | **Nominal Coil Voltage** | 12 VDC | | **Maximum Carrying Current** | 25A (at 85°C) / 35A (Short duration) | | **Contact Material** | Silver Tin Oxide (AgSnO2) | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Through-hole (PCB Mount) | | **Weight** | Approx. 4.0g | --- ## 2. Key Electronic Components & Design The internal architecture of the F2VF-G5W-R focuses on durability and high-speed switching: ### A. Contact System (AgSnO2) The use of **Silver Tin Oxide** is critical for automotive relays. Unlike standard silver contacts, AgSnO2 offers superior resistance to: * **Material Transfer:** Prevents the "pitting and plumbing" effect during DC switching. * **Welding:** High resistance to sticking, even during high-inrush current events (like motor startups). ### B. Dual Contact Construction The "1 Form U" designation indicates a double-make contact structure. In this design, the circuit is broken at two points simultaneously. This effectively: * Increases the air gap when the relay is open. * Distributes the heat generated by the electrical arc across two points, extending the component's lifespan. ### C. Coil Resistance & Sensitivity The coil is optimized for 12V automotive batteries (which range from 9V to 16V in practice). It is designed to maintain a stable magnetic field to keep the armature closed even during voltage fluctuations common in vehicle cranking. --- ## 3. Common Applications Due to its high current-to-size ratio, the F2VF-G5W-R is typically found in: 1. **Power Windows:** Controlling the high-torque motors that lift glass. 2. **Power Seats:** Managing the bidirectional motors for seat adjustment. 3. **Wiper Systems:** Handling the intermittent and high-speed switching of wiper motors. 4. **Lighting Control:** High-intensity discharge (HID) or LED array switching. --- ## 4. Design Precautions When integrating this part into a circuit, engineers should note: * **Flyback Diode:** A suppression diode should be placed in parallel with the coil to protect sensitive control electronics (like a Microcontroller or BJT) from the inductive kickback when the relay is de-energized. * **Thermal Dissipation:** Because it handles up to 25A, the PCB traces connected to the relay pins must be sufficiently wide and thick to prevent overheating.
    ✨ Follow-up Questions
    • ⤷ What is the difference between 1 Form U and 1 Form A contact arrangements in automotive relays?
    • ⤷ How does the F2VF-G5W-R handle inductive loads compared to resistive loads?
    • ⤷ Are there specific PCB layout recommendations for high-current relays like the F2VF series?