Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VF-H5-R

  • AI
    Based on technical specifications, the **F2VF-H5-R** typically refers to a high-speed, high-density connector series, often utilized in automotive or industrial electronics for signal transmission. --- ### 1. Component Overview The F2VF-H5-R belongs to a family of **Fine-Pitch Board-to-Board or FPC (Flexible Printed Circuit) connectors**. These are designed to save space while maintaining high signal integrity. | Feature | Specification Details | | :--- | :--- | | **Pitch** | Generally 0.5mm or smaller (High density) | | **Mounting Type** | Surface Mount Technology (SMT) | | **Orientation** | Right-angle or Vertical (depending on the specific H5 sub-series) | | **Contact Plating** | Gold over Nickel (to prevent corrosion and ensure conductivity) | | **Housing Material** | High-temperature Thermoplastic (LCP) | ### 2. Key Technical Characteristics * **High-Speed Transmission:** Engineered to handle high data rates with minimal crosstalk and impedance mismatch. * **Shielding:** Usually features a metal shell or grounding tabs to provide EMI (Electromagnetic Interference) protection. * **Robust Locking Mechanism:** Often includes a "click" feel or mechanical lock to ensure the connection remains secure in high-vibration environments (like automotive engine compartments or mobile devices). * **RoHS Compliance:** The "-R" suffix typically denotes compliance with **RoHS** (Restriction of Hazardous Substances) standards. ### 3. Common Applications Due to its compact and reliable nature, this part is frequently found in: 1. **Automotive Infotainment:** Connecting displays to main PCBs. 2. **ADAS Systems:** Used in camera modules and sensor arrays. 3. **Industrial Automation:** High-speed data links in PLC modules. 4. **Consumer Electronics:** Internal connections for high-resolution screens or laptops. --- ### 4. Implementation Example (Schematic Context) In an electronic design software (like Altium or Eagle), the pinout would be represented as follows: ```markdown Pin 1: Signal_High (+) Pin 2: Signal_Low (-) Pin 3: Ground (GND) Pin 4: Power (VCC) ... Shell: Shield/Chassis Ground ```
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating per pin for the F2VF series?
    • ⤷ Does this connector support LVDS or MIPI data standards?
    • ⤷ What are the recommended reflow soldering temperature profiles for this part?