Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VF-HA-R/Q

  • AI
    The **F2VF-HA-R/Q** refers to a high-performance electronic connector, typically part of the **F2VF series** manufactured by **JAE (Japan Aviation Electronics)**. These connectors are specialized for high-speed differential signal transmission and are commonly found in automotive and industrial display interfaces. --- ### 1. General Specifications The parts within this series are engineered for robustness and signal integrity. Below is a breakdown of the typical characteristics for this specific part number suffix: | Feature | Specification Details | | :--- | :--- | | **Series** | F2VF (Board-to-Cable High-Speed) | | **Connector Type** | Receptacle / Housing | | **Application** | LVDS, GVIF, or High-speed SerDes (Automotive) | | **Impedance** | 100 Ohms (Differential) | | **Termination** | Crimp / SMT (depending on mating pair) | | **Special Feature** | "R/Q" often denotes specific keying or packaging variations | --- ### 2. Breakdown of Component Parts A connector assembly of this type is comprised of several critical electronic and mechanical sub-components: #### A. Insulator Housing * **Material:** High-temperature thermoplastic (LCP or PPS). * **Function:** Provides electrical isolation between pins and maintains the structural integrity of the connector. #### B. Shielding Shell * **Material:** Copper alloy or Stainless steel with Tin/Nickel plating. * **Function:** Crucial for EMI (Electromagnetic Interference) protection. In automotive environments, preventing noise from affecting the signal (and vice versa) is mandatory. #### C. Contacts (Terminals) * **Material:** Gold-plated copper alloy. * **Function:** The gold plating ensures a low-resistance connection and prevents oxidation over long lifespans in harsh environments. --- ### 3. Key Electronic Characteristics * **High-Speed Signal Integrity:** Designed to support data rates required for high-definition vehicle displays (Infotainment systems). * **Mechanical Locking:** Features a robust locking mechanism to withstand the High-Vibration environments of a moving vehicle. * **Polarization:** The "HA" and "R/Q" designations usually refer to the mechanical keying. This prevents "mis-mating" (plugging the wrong cable into the wrong port) by using specific physical slots. --- ### 4. Typical Use Cases These parts are most frequently used in: 1. **ADAS Systems:** Connecting cameras to processing units. 2. **Infotainment:** Connecting the Head Unit to the Dashboard display. 3. **Digital Clusters:** High-resolution driver instrument panels.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the F2VF-HA-R/Q variant?
    • ⤷ Does this connector support the LVDS protocol specifically?
    • ⤷ Are there specific crimping tools required for the F2VF terminals?