Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VF-HC-R

  • AI
    ### F2VF-HC-R Component Overview The **F2VF-HC-R** is a specific surface-mount electronic component typically used in power management and circuit protection. It is most commonly associated with **Littelfuse** or similar manufacturers specializing in automotive and industrial-grade fuses. --- ### 1. Technical Specifications The "F2VF" series is generally categorized as a **High Current (HC)** subminiature fuse. Below are the typical technical parameters for this specific part: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Surface Mount Device (SMD) Fuse | | **Current Rating** | 2.5A to 30A (Series dependent) | | **Voltage Rating** | 32V to 125V AC/DC | | **Response Characteristic** | Fast-Acting / Very Fast-Acting | | **Interrupting Rating** | 50A @ 125VAC / 300A @ 32VDC | | **Operating Temperature** | -55°C to +125°C | | **Material** | Ceramic Body, Gold/Tin-plated caps | --- ### 2. Key Features and Design * **High Current Density:** The "HC" in the part number stands for **High Current**, meaning it can handle significant loads in a small footprint (usually 1206 or 2410 package sizes). * **RoHS Compliant:** The "-R" suffix at the end signifies that the part is **RoHS compliant** (Lead-free and environmentally friendly). * **Precision Opening:** Designed to open quickly during overcurrent events to protect sensitive semiconductors like MOSFETs and ICs. * **Robust Construction:** The ceramic body provides excellent thermal stability and insulation resistance compared to standard glass or plastic fuses. --- ### 3. Common Applications These parts are designed for environments where space is limited but power requirements are high: 1. **Automotive Electronics:** Used in Infotainment systems, ECU protection, and ADAS modules. 2. **Telecommunications:** Protection for base stations and networking hardware. 3. **Power Supplies:** DC-DC converters and AC-DC adapters. 4. **Consumer Electronics:** Laptop battery management systems (BMS) and gaming consoles. --- ### 4. Part Number Breakdown While manufacturer coding varies slightly, the breakdown usually follows this logic: * **F2V:** Series identifier (Very Fast-Acting). * **F:** Form factor/Sub-series. * **HC:** High Current capability. * **-R:** RoHS Compliant.
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint size for the F2VF-HC-R series?
    • ⤷ How does a fast-acting fuse differ from a slow-blow fuse in these applications?
    • ⤷ Can this component be used in high-voltage EV battery systems?