Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VS-151-R

  • AI
    The **F2VS-151-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a high-current power choke, often used in automotive or industrial power management applications. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications This component is designed for high-efficiency power conversion. The "151" in the part number usually indicates the inductance value. | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 150 µH (Microhenries) | | **Tolerance** | ±20% | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Current Rating** | High Saturation Current (Specific to case size) | | **Operating Temperature** | -40°C to +125°C (Automotive Grade) | | **Shielding** | Magnetically Shielded (to reduce EMI) | --- ## 2. Part Number Breakdown Electronic manufacturers use a standardized coding system for these inductors: * **F2VS:** The series designation, identifying the physical package size and core material technology. * **151:** The inductance code. The first two digits are significant figures, and the third is the multiplier (15 + one zero = 150). * **R:** Generally indicates "RoHS Compliant" or "Tape & Reel" packaging. --- ## 3. Key Electronic Features ### A. Magnetic Shielding The F2VS-151-R is shielded to prevent magnetic flux from escaping. This is critical in modern electronics to avoid **Electromagnetic Interference (EMI)** with nearby sensitive components like microcontrollers or radio modules. ### B. High Saturation Current The core is designed to handle significant current before the inductance drops (saturation). This makes it ideal for **DC-DC Buck/Boost converters**. ### C. Low DC Resistance (DCR) To minimize power loss through heat (I²R losses), the internal copper winding has very low resistance, improving the overall efficiency of the power supply. --- ## 4. Common Applications This part is commonly found in the following circuits: 1. **Automotive ECU:** Power regulation for engine control units. 2. **LED Drivers:** Stabilizing current for high-brightness lighting. 3. **Industrial Power Supplies:** Filtering noise in switching power regulators. 4. **Inverters:** Managing energy storage in small-scale power inversion. ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the F2VS series package?
    • ⤷ How does the '151' code compare to a '1R0' code in inductors?
    • ⤷ Which manufacturers produce the F2VS-151-R equivalent?