Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VS-154-R

  • AI
    ## Overview of F2VS-154-R The **F2VS-154-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specialized **Magnetic Component** (often associated with brands like Sumida or similar magnetic specialists). These parts are designed for high-density power supply circuits. --- ### 1. Key Technical Specifications The alphanumeric code represents specific physical and electrical characteristics: | Parameter | Typical Specification | |:---|:---| | **Inductance** | 150 µH (Indicated by "154" where 4 is the multiplier) | | **Mounting Type** | Surface Mount (SMD) | | **Tolerance** | ±20% (Standard for this series) | | **Package/Case** | V-Series Low Profile | | **RoHS Compliance** | Yes (Indicated by "-R") | --- ### 2. Internal Composition An electronic part like the F2VS-154-R consists of several critical sub-components: * **Core Material:** Usually a Ferrite core designed to minimize core losses at high frequencies. * **Winding:** Copper wire wound around the core. The gauge and number of turns determine the 150µH inductance. * **Termination:** Tin-plated copper leads or pads for soldering onto a Printed Circuit Board (PCB). * **Shielding:** Often features a magnetic shield to prevent Electromagnetic Interference (EMI) with neighboring components. --- ### 3. Application Use Cases This component is primarily used in power management stages where voltage regulation is required. 1. **DC-DC Converters:** Used to store energy during the "on" cycle and release it during the "off" cycle to maintain a steady output voltage. 2. **Noise Filtering:** Acts as a low-pass filter to block high-frequency noise in power lines. 3. **Consumer Electronics:** Found in laptops, tablets, and LED drivers due to its small footprint. --- ### 4. Circuit Implementation Example In a standard Buck Converter circuit, the F2VS-154-R would be placed between the switching transistor and the output capacitor. ```cpp // Logic representation of component placement Input_Voltage -> [Switching_FET] -> [F2VS-154-R_Inductor] -> Output_Load | [Smoothing_Capacitor] | Ground ``` ---
    ✨ Follow-up Questions
    • ⤷What is the current rating for the F2VS-154-R?
    • ⤷ Can this inductor be used in high-temperature automotive applications?
    • ⤷ What are the physical dimensions of the V-Series package?