Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VS-32-R

  • AI
    The **F2VS-32-R** is a specific electronic component typically categorized as a **terminal relay module** or a **remote I/O terminal block**, commonly used in industrial automation (PLC systems). It is designed to bridge the gap between high-density PLC output modules and field devices like solenoids, motors, or valves. --- ### 1. Technical Specifications The "32" in the part number indicates it supports **32 channels**, making it a high-density interface module. | Feature | Specification | | :--- | :--- | | **Channels** | 32 Points | | **Output Type** | Relay Output (Replaceable) | | **Input Connection** | Connector type (typically 40-pin or similar) | | **Output Connection** | Screw terminals or Push-in terminals | | **Contact Rating** | Usually 2A per channel (subject to total common limit) | | **Isolation** | Optocoupler/Relay isolation between logic and load | --- ### 2. Key Components & Architecture #### A. Relay Units (The "R" in F2VS-32-R) The module uses electromagnetic relays to switch loads. These relays provide **galvanic isolation**, protecting the expensive PLC CPU from voltage spikes or short circuits on the factory floor. * **Replaceability:** Most versions allow individual relays to be swapped if a single channel fails. #### B. Input Interface (Control Side) The module connects to the PLC via a pre-fabricated ribbon cable or high-density connector. This reduces wiring time significantly compared to wiring 32 individual points by hand. #### C. LED Indicators The board features an array of 32 LEDs. These serve as diagnostic tools: * **ON:** The specific output channel is energized. * **OFF:** The channel is inactive. #### D. Protection Circuitry The internal PCB usually includes: * **Freewheeling Diodes:** To suppress back-EMF from inductive loads. * **Varistors:** To protect against surge voltages. --- ### 3. Connection Diagram Logic The internal circuit generally follows this flow: ```mermaid graph LR A[PLC Output Module] --> B[High-Density Connector] B --> C[Internal Driving Circuit] C --> D[Relay Coil] D -- Mechanical Switch --> E[Field Device/Load] ``` --- ### 4. Applications * **PLC Expansion:** Used with Mitsubishi, Omron, or Keyence PLCs to manage large numbers of digital outputs. * **Signal Conversion:** Converting a low-current 24VDC PLC signal to switch a higher current AC/DC load. * **Panel Space Optimization:** Consolidates 32 relays into a compact DIN-rail mountable footprint.
    ✨ Follow-up Questions
    • ⤷ What is the standard mounting method for the F2VS-32-R in an electrical cabinet?
    • ⤷ Can the individual relays in this module be replaced without de-soldering?
    • ⤷ What are the common voltage ratings for the relay coils in this series?