Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VS-34-R

  • AI
    The **F2VS-34-R** is a specific model of a **Flat Flexible Cable (FFC) / Flexible Printed Circuit (FPC) Connector**. These components are critical in modern electronics for connecting internal displays, touchscreens, and PCBs in compact devices. ### 1. Technical Specifications The part number follows a specific nomenclature used by manufacturers (typically associated with brands like **Hirose** or **Iriso** equivalents). | Parameter | Specification | | :--- | :--- | | **Pitch** | 0.5 mm (Standard for F2V series) | | **Number of Positions** | 34 Pins | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Orientation** | Right Angle (Horizontal) | | **Actuator Type** | Flip-lock / ZIF (Zero Insertion Force) | | **Contact Location** | Bottom Contact (usually designated by the 'R' or 'S' suffix) | --- ### 2. Physical Construction The connector is composed of three primary electronic material groups: * **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) capable of withstanding reflow soldering temperatures (up to 260°C). * **Contacts:** Phosphor bronze or copper alloy with **Gold (Au)** or Tin-Lead plating to ensure high conductivity and corrosion resistance. * **Actuator:** A lever (stiffener) that flips up to allow cable insertion and flips down to lock the cable against the contacts. --- ### 3. Application Use Cases Because of the 34-pin density and 0.5mm pitch, this part is commonly found in: 1. **LCD/LED Displays:** Connecting the driver board to the panel. 2. **Medical Equipment:** Portable diagnostic devices where space is limited. 3. **Automotive Infotainment:** Linking the head unit to the touch interface. 4. **Consumer Electronics:** Laptops, tablets, and high-end cameras. --- ### 4. Circuit Implementation Example When designing a PCB for the F2VS-34-R, the footprint must account for the staggered SMT pads. Below is a conceptual representation of how the pinout might be handled in a schematic: ```cpp // Typical Pinout Mapping for a 34-pin FFC Interface Pin 1: VCC (Power) Pin 2: VCC (Power) Pin 3: GND Pin 4-30: High-Speed Data (LVDS / MIPI / Parallel) Pin 31: NC (No Connect) Pin 32: Backlight Control Pin 33: GND Pin 34: GND ``` --- ### 5. Key Advantages * **ZIF Mechanism:** The Zero Insertion Force design prevents wear and tear on the delicate FFC cable during assembly. * **Low Profile:** The "F2V" series is designed to be extremely thin, allowing for "ultra-slim" device profiles. * **Pick-and-Place Compatible:** Usually supplied in Tape & Reel packaging for automated assembly lines.
    ✨ Follow-up Questions
    • ⤷ What is the difference between ZIF and Non-ZIF FPC connectors?
    • ⤷ How do I calculate the correct FFC cable thickness for the F2VS-34-R?
    • ⤷ What are the common failure modes for flip-lock connectors during assembly?