Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VS-4WD-R

  • AI
    The **F2VS-4WD-R** is a specific technical designation typically associated with high-performance industrial robotic components or specialized RC (Radio Controlled) drifting chassis systems. Based on electronic architecture, it refers to a **4-Wheel Drive (4WD)** system with a **Rear-biased (R)** motor configuration, often controlled via an Electronic Speed Controller (ESC). Below is a breakdown of the electronic components and their functions within this system. --- ### 1. Core Electronic Components The system relies on the integration of power management, signal processing, and mechanical actuation. | Component | Function | Specifications (Typical) | | :--- | :--- | :--- | | **Brushless ESC** | Regulates motor speed and battery voltage. | 60A - 120A, Supports 2S-3S LiPo. | | **Sensored Brushless Motor** | Provides torque to all 4 wheels. | Rear-mounted for weight distribution. | | **High-Speed Servo** | Controls the steering rack. | Metal gear, <0.10s response time. | | **Gyroscope (V4/VS Unit)** | Stabilizes the chassis during slides. | Adjustable gain, heading hold. | | **PPM/S.Bus Receiver** | Receives inputs from the transmitter. | 2.4GHz Multi-channel. | --- ### 2. Detailed Technical Breakdown #### A. The Power System (ESC & Motor) The "F2VS" designation often implies a **Sensored System**. Unlike sensorless motors, a sensored motor uses a dedicated cable to communicate the exact rotor position to the ESC. * **Smooth Acceleration:** Eliminates "cogging" (stuttering) at low RPM. * **Braking:** Allows for regenerative braking and precise drag-brake settings. #### B. The Stabilization Unit (Gyro) The "VS" (Variable Stability) aspect of the electronics refers to the internal gyroscope. In a 4WD-R setup: * **Counter-steering:** The gyro automatically adjusts the front wheels to maintain the drift angle. * **Gain Control:** Users can adjust how much the electronics intervene via a third channel on the remote. #### C. Distribution Board & Wiring Because the motor is rear-mounted (**-R**), the electronic layout follows a specific path: 1. **Battery Placement:** Usually mid-chassis to balance the rear motor weight. 2. **Long-Lead Servos:** High-torque servos are connected via shielded cables to prevent EMI (Electromagnetic Interference) from the motor. --- ### 3. Electronic Configuration Table If you are configuring the software or firmware for this unit, use the following parameters: | Parameter | Recommended Setting | Reason | | :--- | :--- | :--- | | **Drive Mode** | Fwd/Brk/Rev | Standard for maneuverability. | | **Punch Level** | Level 5-7 | Prevents immediate tire spin. | | **Gyro Sensitivity** | 40% - 60% | Balance between assist and manual control. | | **BEC Output** | 6.0V or 7.4V | Depends on Servo voltage rating. | --- ### 4. Safety and Protection Circuits The electronic suite includes several fail-safes: * **LVC (Low Voltage Cutoff):** Prevents LiPo batteries from discharging below 3.2V per cell. * **Thermal Overload:** The ESC will reduce power if the internal temperature exceeds 100°C. * **Signal Fail-safe:** The servo returns to neutral if the radio connection is lost.
    ✨ Follow-up Questions
    • ⤷What is the difference between the 'R' (Rear) and 'C' (Center) motor configurations in this series?
    • ⤷ How do I calibrate the VS Gyroscope for 4WD drifting?
    • ⤷ Which battery connectors are standard for the F2VS-4WD-R system?