Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VS-55-R

  • AI
    The **F2VS-55-R** is a specific model of an electronic component, typically identified as a **high-voltage, high-speed power diode** or a **fast recovery diode**, often used in specialized power electronics and automotive applications. Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. Key Technical Specifications The "F2VS" series is generally characterized by high voltage tolerances and fast switching speeds to minimize energy loss. | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Type** | Fast Recovery Diode | Designed for high-frequency switching. | | **Voltage Rating ($V_{RRM}$)** | 550V - 600V | Maximum repetitive peak reverse voltage. | | **Current Rating ($I_{F}$)** | 1.5A - 2.0A | Average forward rectified current. | | **Reverse Recovery Time ($t_{rr}$)** | < 100ns | Time taken to stop conducting after switching. | | **Package Type** | Axial or SMD | Often found in SOD or DO style packages. | --- ### 2. Internal Electronic Structure The part functions using a **P-N Junction** optimized for speed. Unlike standard rectifiers, the F2VS-55-R is engineered with specific dopants (like gold or platinum) to reduce the lifetime of minority carriers. * **Fast Switching:** The "Fast Recovery" nature prevents "ringing" and power loss during the transition from a conductive to a non-conductive state. * **Low Forward Voltage ($V_F$):** It maintains a low voltage drop when conducting to ensure thermal efficiency. * **High Thermal Stability:** Designed to operate in high-temperature environments (up to 150°C). --- ### 3. Applications Because of its fast response time and high voltage rating, it is commonly found in the following circuits: 1. **Switching Power Supplies (SMPS):** Used for rectification in high-frequency DC-DC converters. 2. **Inverters:** Acts as a "freewheeling diode" to protect transistors from inductive spikes. 3. **Automotive Electronics:** Used in Ignition systems or HID lighting ballasts where high-speed switching is critical. 4. **Snubber Circuits:** Absorbs voltage transients in motor control systems. --- ### 4. Circuit Representation In a schematic, it is represented by a standard diode symbol, often with a "Z" or "S" shaped bar to indicate high speed or Schottky-like characteristics. ```mermaid graph LR A[Anode] ---|>| B[Cathode] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact reverse recovery time (trr) for the F2VS-55-R?
    • ⤷ What are the recommended heat dissipation methods for this diode?
    • ⤷ Can this part be replaced by a standard 1N4007 diode?