Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VS-5D-R

  • AI
    The **F2VS-5D-R** is a specific model within the **F2VS Series** of electronic components, typically categorized as a **Solid State Voltage Sensor** or a **Voltage Sensitive Relay**, often manufactured by companies like **IDEC**. These devices are designed to monitor DC voltage levels and trigger an internal relay when the voltage crosses a specific threshold. --- ### 1. Key Technical Specifications The "5D" in the part number usually refers to the input voltage range, while "R" denotes the relay output type. | Feature | Specification | | :--- | :--- | | **Model Type** | Voltage Sensitive Relay (Solid State Input) | | **Voltage Detection Range** | Typically 3V to 5V DC (varies by sub-series) | | **Output Type** | Relay Contact (usually SPDT/1c) | | **Mounting** | Plug-in (compatible with standard sockets) | | **Response Time** | High-speed detection (approx. 10ms - 50ms) | | **Operating Temperature** | -10°C to +50°C | --- ### 2. Internal Electronic Structure The F2VS-5D-R consists of three primary electronic stages: 1. **Input Conditioning:** A high-impedance circuit that monitors the source voltage without drawing significant current (preventing circuit loading). 2. **Comparator Circuit:** An internal solid-state comparator (Op-Amp based) that compares the input voltage against a calibrated reference voltage. 3. **Electromechanical Relay:** Once the threshold is met, the signal drives a small relay coil to open or close physical contacts for external load control. --- ### 3. Functional Operation The device operates on the principle of **Hysteresis** to prevent "chattering" (rapid switching) when the voltage is hovering right at the limit. * **Pick-up Voltage:** The specific voltage level at which the relay energizes. * **Drop-out Voltage:** The level at which the relay de-energizes (typically 90% of the pick-up voltage). --- ### 4. Common Applications These parts are used in industrial automation for protection and logic: * **Battery Monitoring:** Triggering an alarm or disconnecting a load when battery voltage drops too low. * **Signal Logic:** Acting as an interface between low-level electronic signals and high-power mechanical actuators. * **Overvoltage Protection:** Shutting down sensitive machinery if a power supply exceeds 5V. --- ### 5. Wiring Pinout (Typical) *Standard 8-pin or 5-pin configurations are common for these plug-in modules.* | Pin Type | Description | | :--- | :--- | | **Input (+/-)** | Connected to the DC voltage source being monitored. | | **COM (Common)** | The shared terminal for the output relay. | | **N.O. (Normally Open)** | Closes when the detected voltage reaches the setpoint. | | **N.C. (Normally Closed)** | Opens when the detected voltage reaches the setpoint. |
    ✨ Follow-up Questions
    • ⤷ What is the exact hysteresis percentage for the F2VS-5D-R model?
    • ⤷ Can this unit be mounted on a standard DIN rail using a socket?
    • ⤷ What is the maximum current rating for the relay contacts?