Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VS-5WD-R/Q

  • AI
    The **F2VS-5WD-R/Q** is a high-performance, compact **DC-DC Converter** module, typically utilized in industrial automation and power management systems. It is designed to provide stable voltage regulation with isolation between input and output circuits. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the F2VS-5WD-R/Q: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 5.5V DC (Nominal 5V) | | **Output Voltage** | 5V DC (Regulated) | | **Output Power** | 1W to 2W (Series dependent) | | **Isolation Voltage** | 1000V DC to 3000V DC | | **Efficiency** | Approximately 70% - 82% | | **Package Type** | SIP (Single In-line Package) or DIP | | **Operating Temp** | -40°C to +85°C | --- ### 2. Functional Components This module contains several critical electronic sub-parts integrated into its small form factor: * **Switching Controller:** An internal IC that manages the high-frequency oscillation (PWM) to convert DC power efficiently. * **High-Frequency Transformer:** Provides the magnetic coupling required for electrical isolation, ensuring safety and noise reduction between the input and output. * **Rectifier Diodes:** Converts the high-frequency AC signal from the transformer back into a stable DC output. * **Input/Output Filters:** Internal capacitors (often ceramic) and inductors used to minimize "Ripple and Noise," protecting sensitive downstream electronics. --- ### 3. Pin Configuration and Connection A typical 5-pin or 6-pin layout for this series follows this logic: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **+Vin** | Positive Input Power (5V) | | 2 | **-Vin** | Ground/Return for Input | | 3 | **-Vout** | Ground/Return for Output | | 4 | **Common** | Reference point (if dual output) | | 5 | **+Vout** | Positive Regulated Output (5V) | --- ### 4. Common Applications * **Digital Circuits:** Providing isolated power to logic gates and microcontrollers. * **Communication Ports:** Isolating RS-232, RS-485, or CAN bus interfaces to prevent ground loops. * **Sensors:** Powering analog sensors in noisy industrial environments where galvanic isolation is required.
    ✨ Follow-up Questions
    • ⤷ What are the specific protection features (OCP/OVP) for the F2VS-5WD-R/Q?
    • ⤷ Can this module be used in automotive 12V systems without a pre-regulator?
    • ⤷ What is the maximum ripple and noise level for this model?