Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VS-62-R

  • AI
    The **F2VS-62-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specialized **Magnetic Component**. While the exact specifications can vary slightly by manufacturer (often associated with brands like Sumida or similar magnetic specialists), the following technical breakdown explains its core electronic characteristics. --- ### 1. Technical Specifications The part number follows a standardized nomenclature for high-current inductors. Below is a representative technical profile: | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Shielded Surface Mount Inductor | | **Inductance Range** | Usually varies; "62" often refers to 6.2µH or a series code | | **Current Rating** | High-saturation current (typically 1.5A to 5A depending on size) | | **Mounting Type** | SMD/SMT (Surface Mount Technology) | | **Shielding** | Magnetically Shielded (prevents EMI interference) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Core Electronic Functions The F2VS-62-R serves several critical roles within an electronic circuit: * **Energy Storage:** It stores energy in a magnetic field when electric current flows through it. This is essential for DC-DC converters. * **Filtering:** It acts as a low-pass filter, allowing DC to pass while blocking high-frequency noise and AC components. * **Voltage Regulation:** In switching power supplies, it helps maintain a steady output voltage despite fluctuations in input or load. --- ### 3. Key Construction Features The "R" suffix usually denotes **RoHS Compliance**, meaning the part is lead-free and environmentally safe. #### Magnetic Shielding The component is enclosed in a ferrite housing. This is crucial for dense PCB layouts because: 1. It prevents the inductor's magnetic field from interfering with neighboring components. 2. It protects the inductor from external electromagnetic interference (EMI). #### Footprint and Form Factor The "62" often refers to the physical dimensions (e.g., 6mm x 6mm base). The low-profile design makes it ideal for: * Portable electronics (Smartphones, Tablets). * Embedded systems. * Automotive infotainment modules. --- ### 4. Typical Application Circuit In most designs, this part is used in a **Buck Converter** configuration. ```spice [Input Voltage] ---- [Switching Transistor] ---- [F2VS-62-R Inductor] ---- [Output] | [Filter Capacitor] | [Ground] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific saturation current limits for the F2VS-62-R?
    • ⤷ Can this inductor be used in high-frequency automotive applications?
    • ⤷ What are the recommended soldering profiles for this SMD component?