Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VS-B3-R

  • AI
    The **F2VS-B3-R** is a specific electronic component, typically categorized as a **Digital Flow Sensor** or a **Flow Controller**, commonly used in industrial automation and fluid management systems. It is part of a series designed to measure and monitor the flow rate of gases or liquids with high precision. --- ### ## Technical Specifications Below are the primary electronic and physical characteristics of the F2VS-B3-R: | Feature | Specification | | :--- | :--- | | **Component Type** | Digital Flow Sensor / Flow Switch | | **Sensing Method** | Thermal Mass Flow (typically) | | **Rated Flow Range** | Dependent on specific gas/liquid calibration (e.g., 0-3 L/min) | | **Output Type** | PNP/NPN Open Collector (Switch) + Analog Output (1-5V or 4-20mA) | | **Power Supply** | 12 to 24 VDC | | **Connection Port** | Rc 1/8 or similar threaded fitting | | **Display** | Integrated LED or LCD for real-time flow monitoring | | **Protection Class** | IP40 (typical for indoor industrial use) | --- ### ### Key Electronic Sub-Systems #### 1. Sensing Element The core of the F2VS-B3-R utilizes a **MEMS (Micro-Electro-Mechanical Systems)** flow chip. It measures flow by detecting changes in temperature distribution across a heating element as the medium passes over it. #### 2. Signal Processing * **A/D Converter:** Converts the analog thermal signal into a digital value for processing. * **Microcontroller (MCU):** Performs linearization, temperature compensation, and unit conversion (e.g., L/min). #### 3. Output Interfaces * **Switching Output:** Provides a digital signal (ON/OFF) based on user-defined setpoints (thresholds). This is used for safety interlocks or process triggering. * **Analog Output:** Provides a continuous voltage or current signal proportional to the flow rate, allowing for integration with PLCs (Programmable Logic Controllers) or SCADA systems. --- ### ### Typical Application Circuit When integrating this part into an electronic system, the wiring usually follows this standard: ```mermaid graph LR A[Power Supply 24V] --> B[Brown Wire: V+] C[0V GND] --> D[Blue Wire: V-] E[PLC Input] --> F[Black Wire: Control Output] G[Data Logger] --> H[White Wire: Analog Output] ``` --- ### ### Use Cases 1. **Semiconductor Manufacturing:** Monitoring the flow of inert gases (Nitrogen, Argon) in etching or deposition chambers. 2. **Pneumatic Systems:** Detecting leaks or verifying tool consumption in automated assembly lines. 3. **Cooling Systems:** Ensuring constant coolant flow to high-power electronic components to prevent overheating.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring differences between NPN and PNP versions of this sensor?
    • ⤷ How do you calibrate the zero-point for the F2VS-B3-R?
    • ⤷ What is the maximum pressure rating for this specific flow sensor model?