Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VS-D4-R

  • AI
    The **F2VS-D4-R** is a specific electronic component, typically identified as a **Digital Sensor Amplifier** or a specialized **Pressure/Flow Sensor Controller** often manufactured by companies like Flowell or associated with industrial automation systems. Below is an explanation of its electronic architecture and specifications. --- ## 1. Core Functional Overview The F2VS-D4-R acts as an intermediary between a physical sensor (such as a flow or pressure transducer) and a PLC (Programmable Logic Controller). Its primary role is to convert low-level signals into human-readable data and actionable electrical outputs. ### Key Electronic Characteristics | Feature | Specification Details | | :--- | :--- | | **Output Type** | Relay Output (indicated by the **-R** suffix) | | **Display Type** | Dual Digital Display (typically Current Value and Set Value) | | **Mounting** | DIN Rail or Panel Mount | | **Response Time** | High-speed processing (often < 5ms) | | **Control Logic** | NPN/PNP switchable (depending on sub-wiring) | --- ## 2. Electronic Components & Circuitry The device consists of several critical internal blocks: ### A. Signal Conditioning Input * **A/D Converter:** Converts the analog voltage or current from the sensor head into a high-resolution digital signal. * **Filtering:** Internal capacitors and inductors filter out electromagnetic interference (EMI) common in industrial environments. ### B. The Microprocessor (MCU) * The "brain" of the D4-R. It handles scaling (converting raw electrical units to Liters/min or PSI), zero-point adjustment, and hysteresis calculations. ### C. Output Stage (Relay) * Unlike the "P" (PNP) or "N" (NPN) versions, the **-R** version utilizes a **Mechanical or Solid State Relay**. * **Function:** It provides a dry contact closure when the measured value reaches a predefined threshold. * **Isolation:** The relay provides galvanic isolation between the sensor logic and the high-power load (like a motor or valve). --- ## 3. Terminal Pinout (General) While specific wiring depends on the manufacturer, the standard electronic interface for the D4 series is as follows: | Pin/Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | VCC | Power Supply (+) usually 12-24V DC | | **Blue** | GND | Power Supply (-) 0V | | **Black** | Output 1 | Relay Contact A | | **White** | Output 2 | Relay Contact B or Analog Out (if equipped) | | **Pink** | Remote Input | External Zero Reset or Shift | --- ## 4. Operational Modes The electronic firmware allows for three primary modes of operation: 1. **Easy Mode:** Quick set-point adjustments. 2. **Hysteresis Mode:** Prevents "chattering" (rapid switching) by setting a gap between the ON and OFF trigger points. 3. **Window Comparator Mode:** Keeps the output active only while the signal is within a specific range (e.g., between 5L/min and 10L/min).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the relay output on the F2VS-D4-R?
    • ⤷ How do I perform a factory reset on this specific amplifier model?
    • ⤷ Can the F2VS-D4-R be used with both liquid and gas flow sensors?