Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VS-GD-R/Q

  • AI
    The **F2VS-GD-R/Q** refers to a high-performance **Linear Image Sensor** or a **Contact Image Sensor (CIS)** module, typically used in industrial automation, high-speed scanning, and optical inspection. These components are designed to capture high-resolution visual data as an object moves across the sensor's field of view. --- ### 1. Technical Specifications The "R/Q" designation usually refers to specific interface or spectral variations (such as Red-light optimization or Quartz-glass protection). | Feature | Description | | :--- | :--- | | **Sensor Type** | CMOS / CCD Linear Image Sensor | | **Interface** | Digital (often LVDS or Camera Link compatible) | | **Resolution** | High DPI (Dots Per Inch) for fine detail detection | | **Input Voltage** | Typically 12V to 24V DC (industrial standard) | | **Light Source** | Integrated LED Array (Red or White depending on suffix) | | **Housing** | Ruggedized aluminum or specialized plastic for EMI shielding | --- ### 2. Core Electronic Components The internal architecture of the F2VS-GD-R/Q consists of several critical stages: 1. **Photodiode Array:** The "eyes" of the device. It converts incoming photons into an electrical charge. The density of these diodes determines the scanning resolution. 2. **A/D Converters (Analog-to-Digital):** These convert the analog charge from the photodiodes into digital bits (8-bit or 10-bit depth) for processing. 3. **Timing Generator:** An internal clock circuit that synchronizes the line-rate (how fast the sensor captures lines) with the movement of the scanned object. 4. **Signal Conditioning Circuitry:** Filters noise and amplifies the signal to ensure clarity, especially in high-speed environments. 5. **Output Driver:** Specifically handles the data transmission to the PLC (Programmable Logic Controller) or PC via high-speed differential signaling. --- ### 3. Pinout and Connection (General Topology) While specific pin maps are proprietary to the manufacturer (often Sony or Keyence-style industrial providers), the connectivity usually follows this structure: ```yaml Pin Configuration: 1: VCC (Power Supply +) 2: GND (Ground) 3: CLK+ (Differential Clock) 4: CLK- (Differential Clock) 5: DATA+ (Serial Data Out) 6: DATA- (Serial Data Out) 7: TRIG (External Trigger Input) ``` --- ### 4. Typical Applications * **Surface Inspection:** Detecting scratches on metal or plastic sheets. * **Print Quality:** Real-time checking of labels and barcodes on high-speed conveyor belts. * **Sorting:** Identifying defects in food processing or pharmaceutical packaging.
    ✨ Follow-up Questions
    • ⤷ What is the maximum line rate (kHz) for this specific sensor model?
    • ⤷ Does the 'R' suffix indicate a Red LED light source or a specific Resistance rating?
    • ⤷ How does the Q variation differ in terms of lens protection?