Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VS-GWE-R

  • AI
    ### Overview of the F2VS-GWE-R The **F2VS-GWE-R** is a specific electronic component typically associated with **pressure sensors** or **vacuum switches**, often manufactured by companies like **SMC** or specialized industrial electronics firms. It is designed for high-precision monitoring in pneumatic systems. --- ### Technical Specifications The electronics of this unit are designed to convert physical pressure/vacuum changes into digital or analog electrical signals. | Feature | Description | | :--- | :--- | | **Output Type** | NPN or PNP Open Collector (model dependent) | | **Pressure Range** | Vacuum to Positive Pressure (compound pressure) | | **Display Type** | LED or LCD (typically Red/Green status indicators) | | **Voltage Supply** | 12 to 24 VDC | | **Current Consumption** | $\leq$ 40 mA | | **Connection** | M8 4-pin connector or lead wire | --- ### Internal Electronic Components The device consists of several key sub-systems: #### 1. Sensing Element (Piezo-resistive) The core is a silicon-based **diaphragm** with integrated resistors. When pressure is applied, the diaphragm flexes, changing the resistance (Piezo-resistive effect). This change is converted into a small voltage signal. #### 2. Signal Conditioning (Op-Amps) Because the raw signal from the sensor is very weak, an internal **Operational Amplifier (Op-Amp)** circuit scales the voltage to a usable range and filters out electrical noise. #### 3. Microcontroller (MCU) The heart of the "GWE" series is a small MCU that performs: * **Analog-to-Digital Conversion (ADC):** Translates the voltage into a digital value. * **Threshold Comparison:** Compares the live pressure against the user-defined "Set Point." * **Hysteresis Management:** Prevents the output from "chattering" when the pressure is right at the limit. #### 4. Switching Output (Transistors) The final electronic stage uses a **Power Transistor** (usually a MOSFET) to act as the switch. * **ON State:** The transistor allows current to flow to the PLC or Controller. * **OFF State:** The transistor blocks current. --- ### Wiring Configuration Most F2VS series units follow a standard industrial color code: * **Brown:** +V (12-24V DC) * **Blue:** 0V (GND) * **Black:** Control Output (Signal) * **White:** Secondary Output or Analog Output (Optional) --- ### Key Features of the "GWE-R" Variant * **High Response Speed:** The electronic circuit is tuned for millisecond response times. * **IP Rating:** The internal electronics are potted or sealed to meet **IP65** standards, protecting them from dust and water splashes. * **RoHS Compliant:** The soldering and components are lead-free.
    ✨ Follow-up Questions
    • ⤷ What is the exact pressure range supported by the F2VS-GWE-R?
    • ⤷ How do you calibrate the set points on this specific sensor model?
    • ⤷ What is the difference between the NPN and PNP output electronics in this series?