Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VS-H6-R

  • AI
    The **F2VS-H6-R** is a specific sensor cable/connector assembly typically used with flow sensors or pressure sensors, most notably within the **CKD** or **Keyence** ecosystems. It is designed to facilitate secure electrical connections between a sensing head and a controller. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. Technical Specifications The "H6" designation usually refers to a **6-pin** configuration, while the "R" often signifies a **Right-angle** connector or specific **Robot-cable** (high-flex) grade. | Feature | Specification | | :--- | :--- | | **Connector Type** | M8 or specialized rectangular multi-pin | | **Number of Pins** | 6 Pins | | **Cable Type** | Oil-resistant, flexible PVC/PUR | | **Wire Gauge** | Typically 24 AWG or 26 AWG | | **Current Rating** | ~1A to 2A per pin (Signal grade) | | **Voltage Rating** | 24V DC (Standard industrial) | --- ### 2. Key Electronic Components & Wiring The assembly consists of the following electronic elements: * **Gold-Plated Contacts:** The internal pins are usually gold-plated to ensure low contact resistance and prevent oxidation in industrial environments. * **Shielding:** Higher-end versions include an aluminum foil or braided shield to protect low-voltage signals from Electromagnetic Interference (EMI) caused by nearby motors or high-voltage lines. * **Strain Relief:** The molded plastic housing acts as a mechanical buffer to prevent the internal solder joints from snapping under vibration. #### Typical Pinout Configuration (Generic) *Note: Always verify with the specific sensor manual.* 1. **Brown:** Power (+) 12-24V 2. **Blue:** Power (-) 0V / Ground 3. **Black:** Control Output 1 (Digital/Switching) 4. **White:** Control Output 2 or Analog Output (1-5V) 5. **Gray:** External Input (Reset/Auto-tuning) 6. **Shield:** Earth Ground --- ### 3. Application Use-Cases The F2VS-H6-R is primarily integrated into systems requiring high precision and reliability: 1. **Mass Flow Controllers:** Connecting the sensor body to the PLC for real-time gas/liquid flow monitoring. 2. **Robotic Arms:** Because the cable is often "Robot-grade" (flexible), it is used in joints where the cable must withstand millions of bending cycles. 3. **Vacuum Systems:** Interfacing vacuum pressure sensors with central control units in semiconductor manufacturing. --- ### 4. Comparison: Straight vs. Right-Angle (R) | Feature | Straight Connector | F2VS-H6-R (Right-Angle) | | :--- | :--- | :--- | | **Space Efficiency** | Requires more clearance | Ideal for tight enclosures | | **Stress Distribution** | Better for vertical pulls | Better for side-entry routing | | **Installation** | Easier to grip | Lower profile |
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the CKD F2VS series?
    • ⤷ Is the F2VS-H6-R compatible with standard M8 6-pin industrial sensors?
    • ⤷ How many bending cycles is the 'R' (robot) cable rated for?