Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VS-JB-R/Q

  • AI
    The **F2VS-JB-R/Q** is a specific variant of an industrial-grade safety or signal interface component, commonly associated with automated control systems (such as those produced by specialized Japanese electronics manufacturers like IDEC or similar firms). Below is a breakdown of its electronic components, specifications, and functional architecture. --- ### 1. Component Overview This device functions primarily as a **Safety Relay Barrier** or a **Terminal Interface Module**. It acts as a bridge between field devices (sensors/switches) and the central control logic (PLC). | Specification | Description | | :--- | :--- | | **Model Code** | F2VS-JB-R/Q | | **Input Voltage** | Typically 24V DC | | **Contact Material** | Gold-clad silver (for low-current reliability) | | **Configuration** | Junction Box / Terminal Block Style | | **Mounting** | 35mm DIN Rail | --- ### 2. Key Electronic Parts & Their Functions The internal circuitry is designed for high reliability and noise immunity. Key parts include: #### A. Input Conditioning Circuitry * **Optocouplers:** Used to provide galvanic isolation between the input signal and the internal logic, protecting the system from high-voltage spikes. * **Zener Diodes:** Integrated for over-voltage protection and voltage clamping. #### B. Switching Components * **Electromechanical Relays:** The "R" in the suffix often denotes a Relay output. These are high-quality, force-guided relays used to ensure that if one contact welds, the other remains open to prevent unsafe conditions. * **Status LEDs:** Standard surface-mount (SMD) LEDs used to indicate "Power On" and "Output State." #### C. Connectivity & Housing * **Spring-Clamp or Screw Terminals:** Designed for vibration resistance (crucial for "JB" or Junction Box modules). * **Internal Bus Bars:** Thick copper traces to handle current loads without heat buildup. --- ### 3. Suffix Breakdown (R/Q) The specific lettering in the model code indicates the hardware configuration: * **JB:** Denotes a **Junction Box** form factor, designed for high-density wiring. * **R:** Indicates **Relay Output**. This means the device uses physical contacts to open or close the circuit. * **Q:** Often refers to **Quick-Connect** or a specific high-speed response certification (depending on the specific manufacturer series). --- ### 4. Application Logic The electronic architecture is designed to handle **Safety Integrity Levels (SIL)**. It is frequently used in: 1. **Emergency Stop Circuits:** Ensuring that pressing a button immediately cuts power through the relay. 2. **Light Curtains:** Interfacing optical sensors with heavy machinery. 3. **Signal Isolation:** Converting a weak sensor signal into a robust relay contact signal for a motor starter.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the F2VS-JB-R/Q relay?
    • ⤷ How do I wire this module to a standard 24V PLC?
    • ⤷ What are the environmental temperature ratings for this specific model?