Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VS-KB-R/K

  • AI
    The **F2VS-KB-R/K** is a specific electronic component typically associated with high-precision pressure measurement and sensing systems. Based on industrial part numbering conventions, this part belongs to the **F2VS Series** of pressure sensors or transmitters, often used in semiconductor manufacturing and high-purity gas delivery systems. ### 1. Component Overview The F2VS series consists of high-performance electronic pressure transducers. The suffix letters (KB, R, K) define the specific electrical output, connector type, and pressure range. | Feature | Specification | | :--- | :--- | | **Component Type** | Electronic Pressure Transducer / Sensor | | **Measurement Principle** | Strain Gauge or Capacitive Sensing | | **Common Application** | Semiconductor Gas Panels, Cleanroom environments | | **Output Signal** | Analog (Voltage or Current) | | **Medium** | High-purity gases or corrosive liquids | --- ### 2. Breakdown of the Model Name While specific manufacturer codes vary slightly (often linked to companies like **Nagano Keiki** or **Fujikin**), the electronic architecture follows this logic: * **F2VS:** The base series designation (Standard Vacuum/Pressure Sensor). * **KB:** Likely refers to the **Electrical Interface** or the specific bridge circuit used for temperature compensation. * **R:** Usually indicates **Reference Pressure** type (e.g., Gauge pressure vs. Absolute pressure). * **K:** Typically a code for the **Connector Type** (e.g., M12 connector or specific Hirose pin configuration). --- ### 3. Electronic Architecture Inside the F2VS-KB-R/K, several key electronic stages process the physical pressure signal into a usable electronic value: #### A. Sensing Element The core is a diaphragm with an integrated bridge circuit. When pressure is applied, the resistance changes (piezoresistive effect), creating a millivolt-level signal. #### B. Signal Conditioning (ASIC) The internal electronics include an Application Specific Integrated Circuit (ASIC) that performs: * **Amplification:** Boosting the weak bridge signal. * **Temperature Compensation:** Correcting for thermal drift so the sensor remains accurate in different temperatures. * **Linearization:** Ensuring the output voltage/current is perfectly proportional to the pressure. #### C. Output Stage The "R/K" configuration usually dictates the final output. Most industrial versions provide: * **0–5 VDC** or **4–20 mA** output. * Built-in protection against reverse polarity and short circuits. --- ### 4. Technical Specifications Table | Parameter | Typical Value | | :--- | :--- | | **Supply Voltage** | 12 - 24V DC | | **Accuracy** | ±0.25% to ±0.5% Full Scale | | **Response Time** | < 10ms | | **Circuit Protection** | Overvoltage and ESD protection | | **Wetted Materials** | Stainless Steel 316L / Hastelloy (for electronic durability) | ---
    ✨ Follow-up Questions
    • ⤷What is the specific pinout configuration for the K-type connector?
    • ⤷ Does this model support digital communication like RS-485 or only analog?
    • ⤷ What is the maximum pressure range supported by the F2VS series?