Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2VS-KD-R

  • AI
    The **F2VS-KD-R** is an electronic component typically associated with **industrial automation and safety systems**, specifically serving as a **Safety Door Switch** or **Interlock Unit** (often part of a larger safety relay or sensor system). Below is a breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The F2VS series is primarily designed to monitor the status of safety guards and doors in automated machinery. The "KD-R" designation usually points to specific wiring, connector types, or internal logic configurations. ### Key Electronic Functions * **Redundancy:** Utilizes dual-channel circuits to ensure that a single component failure does not lead to a loss of safety function. * **Switching Logic:** Typically operates on a "Normally Closed" (NC) and "Normally Open" (NO) logic to detect if a door is properly seated. * **Signal Feedback:** Provides a secondary signal to a PLC or Safety Controller to indicate the state of the circuit. --- ## 2. Technical Specifications While exact parameters can vary based on the specific OEM (Original Equipment Manufacturer), the standard electronics for this class of device are as follows: | Parameter | Typical Value / Range | | :--- | :--- | | **Rated Voltage** | 24V DC (Standard for Industrial Control) | | **Contact Resistance** | < 50 mΩ | | **Switching Current** | 100mA to 2A (Load dependent) | | **Dielectric Strength** | 1,000 VAC for 1 minute | | **Insulation Resistance** | 100 MΩ minimum | | **Operating Temperature** | -10°C to +55°C | --- ## 3. Wiring and Pinout Characteristics The "R" in the suffix often denotes a **Right-hand** configuration or a specific **Reverse** wiring logic. ### Internal Circuitry Types: 1. **Mechanical Contact:** Uses physical microswitches triggered by an actuator. 2. **Magnetic/Non-Contact:** Uses a reed switch or Hall Effect sensor to detect the presence of the actuator without physical touch. 3. **LED Indicators:** Most models include a built-in LED (typically Green for Closed/Safe and Red for Open/Fault) to provide immediate visual diagnostics on the factory floor. --- ## 4. Application Integration In an electronic circuit, the F2VS-KD-R is integrated as follows: * **Input Side:** Connected to the 24V DC power rail. * **Output Side:** Connected to a **Safety Relay** (e.g., G9SA or equivalent). * **Series Connection:** Multiple F2VS units can be wired in series to monitor multiple doors, provided the safety category requirements are met. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the F2VS-KD-R connector?
    • ⤷ Is the F2VS-KD-R a magnetic non-contact switch or a mechanical interlock?
    • ⤷ What safety integrity level (SIL) does this component comply with?