Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FAP-55-R/Q

  • AI
    The **FAP-55-R/Q** series refers to specific high-performance **Fiber-Coupled Diode Laser Modules** manufactured by Coherent. These modules are widely used in industrial, medical, and scientific applications due to their high power output and reliability. ### 1. Core Electronic & Physical Components The FAP (Fiber Array Package) system is designed to provide high-density optical power through a single fiber output. Below are the primary electronic and optical parts: | Component | Function | | :--- | :--- | | **Laser Diode Bar** | The primary semiconductor engine that generates light (typically 800nm-980nm range). | | **Thermistor** | An internal temperature-sensitive resistor (NTC) used to monitor the module's heat. | | **Photodiode (Monitor)** | A sensor that tracks back-reflection or output power to ensure stability. | | **Fiber Coupler** | Precision optics that focus the light from the diode bar into the delivery fiber. | | **SMA 905 Connector** | The standard electronic/optical interface for the fiber output. | --- ### 2. Technical Specifications (Typical) The "R" and "Q" designations often refer to specific revisions or power ratings within the 55W class. * **Operating Current ($I_{op}$):** Typically ranges from **45A to 65A**. * **Threshold Current ($I_{th}$):** Approximately **8A to 12A**. * **Operating Voltage ($V_{op}$):** Low voltage, usually **< 2.2V**. * **Wavelengths:** Commonly 808nm (for DPSS pumping) or 976nm/980nm. --- ### 3. Critical Operation Requirements To prevent damage to the electronic components of the FAP-55, specific electronic controls must be in place: #### A. Constant Current Driver The laser must be driven by a **regulated DC constant current source**. Because laser diodes are sensitive to voltage spikes, using a standard voltage-regulated power supply will destroy the internal diode bar. #### B. Thermal Management (TEC) The module generates significant heat. It must be mounted on a **Thermoelectric Cooler (TEC)** or a water-cooled chill plate. * **Standard Temperature:** 25°C. * **Wavelength Shifting:** The output wavelength shifts by approximately **0.3nm per °C**. Precise temperature control is required for frequency-sensitive applications. #### C. ESD Protection The FAP-55-R/Q is extremely sensitive to **Electrostatic Discharge (ESD)**. When handling the pins: * Use grounded wrist straps. * Short the pins together when the module is not in use. --- ### 4. Connection Pinout Example While configurations can vary, most FAP modules utilize a multi-pin layout: 1. **Laser Anode (+)**: High current input. 2. **Laser Cathode (-)**: High current return. 3. **Thermistor Pins**: Two pins for measuring resistance ($10k\Omega$ at 25°C typically). 4. **Monitor Photodiode**: Used for feedback loops (APC - Automatic Power Control).
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the FAP-55-R thermistor?
    • ⤷ How do I calculate the cooling requirements for a 55W laser module?
    • ⤷ Can the FAP-55-R be used for pulse-width modulation (PWM)?