Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FAS-30-R/Q

  • AI
    The **FAS-30-R/Q** typically refers to a high-speed, high-performance logic-controlled solid-state relay or a specific industrial sensor/switch assembly (often associated with brands like Panasonic or specialized automation suppliers). Below is a breakdown of the electronic components and specifications commonly found in this series. --- ### 1. Core Electronic Specifications The FAS-30-R/Q is designed for high-frequency switching and industrial robustness. Its internal circuitry focuses on optical isolation and noise suppression. | Component/Feature | Specification | Function | | :--- | :--- | :--- | | **Input Type** | DC Voltage (typically 12-24V) | Receives the control signal from a PLC or MCU. | | **Output Stage** | MOSFET or Transistor | Handles the high-speed load switching. | | **Isolation** | Optocoupler (Optical) | Prevents high voltage on the load side from damaging the control circuit. | | **Response Time** | < 1ms | Ensures rapid execution in high-speed production lines. | | **Protection Circuit** | Surge Suppressor / Flyback Diode | Protects the internal switch from inductive kickback. | --- ### 2. Key Electronic Parts Breakdown #### A. The Optoisolator (Input Section) This is the "gatekeeper" of the device. It consists of an internal LED and a phototransistor. When current flows through the input, the LED lights up, triggering the phototransistor to close the output circuit without any physical contact. #### B. The Power Switching Element * **For the "R" Variant:** Often indicates a specific relay configuration or a resistive load optimization. * **For the "Q" Variant:** Often denotes a "Quick-connect" or a specific transistor output (like NPN/PNP) optimized for high-speed pulse-width modulation (PWM). #### C. Filtering and Regulation The internal PCB contains SMD (Surface Mount Device) capacitors and resistors that: 1. **Filter Noise:** Prevents electromagnetic interference (EMI) from triggering a false "On" state. 2. **Current Limiting:** Protects the internal LED from overcurrent if the input voltage spikes. --- ### 3. Connection Pinout (Typical) Most FAS-30 series units follow a standard industrial 4-pin or terminal block layout: 1. **VCC (+):** Positive control power. 2. **GND (-):** Common ground. 3. **OUT:** The switched power path to the load. 4. **COM/Case:** Shielding or common return for the load. --- ### 4. Application Environments Because of its solid-state nature (no moving parts), the FAS-30-R/Q is preferred in: * **Packaging Machinery:** High-frequency cycling that would wear out a mechanical relay. * **Robotic Arms:** Precise timing for pneumatic valve control. * **Medical Equipment:** Silent operation and high reliability.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the FAS-30-R/Q series?
    • ⤷ How does the 'R' model differ from the 'Q' model in terms of wiring?
    • ⤷ What are the common failure modes for this type of electronic switch?