Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FAS-D2-R

  • AI
    The **FAS-D2-R** is an electronic component primarily associated with industrial automation and sensing technology. It is a high-precision digital fiber optic sensor amplifier designed for rail-mounting (DIN rail). --- ### 1. Key Technical Specifications The following table outlines the core electronic and physical parameters of the FAS-D2-R: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 12 to 24V DC (±10% ripple) | | **Output Type** | Dual Output (NPN/PNP versions available) | | **Response Time** | High Speed (50μs) / Standard (250μs) / Long Range (1ms) | | **Display** | Dual Digital Display (Current Value & Threshold) | | **Mounting** | 35mm DIN Rail | | **Connection** | M8 Connector or Pre-wired Cable (depending on variant) | | **Light Source** | Red LED (660nm) | --- ### 2. Core Electronic Components & Architecture The FAS-D2-R consists of several critical internal subsystems: #### A. Optical Interface The unit features two ports for plastic fiber optic cables: * **Emitter:** Uses a high-intensity Red LED to send light pulses through the fiber. * **Receiver:** A high-speed photodiode that converts returned light into an electrical signal. #### B. Microprocessor & Signal Processing The "brain" of the FAS-D2-R performs: * **A/D Conversion:** Converts the analog signal from the photodiode into a digital value (0-9999). * **Logic Operations:** Handles timing functions (On-delay, Off-delay, One-shot). * **Threshold Comparison:** Compares the live signal against the user-defined set point. #### C. The Dual Digital Display Unlike older analog potentiometers, this unit uses: * **Green LED Display:** Shows the preset threshold level. * **Red LED Display:** Shows the real-time received light intensity. --- ### 3. Protection and Output Circuitry To ensure longevity in harsh industrial environments, the FAS-D2-R includes: 1. **Short-Circuit Protection:** Prevents damage if the output wires are accidentally crossed. 2. **Reverse Polarity Protection:** Protects the internal PCB if the power supply is connected backward. 3. **Mutual Interference Suppression:** Allows multiple units to be mounted side-by-side without their optical pulses confusing one another. --- ### 4. Comparison of Operating Modes | Mode | Response Speed | Detection Distance | | :--- | :--- | :--- | | **Fine (High Speed)** | Extremely Fast | Shortest | | **Turbo (Standard)** | Balanced | Medium | | **Super (Long Range)** | Slower | Maximum |
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for the NPN vs PNP versions of the FAS-D2-R?
    • ⤷ How do I perform a 'One-point Teach' on this fiber optic amplifier?
    • ⤷ Which specific fiber optic cables are compatible with the FAS-D2-R?