Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FAS-G6-R

  • AI
    The **FAS-G6-R** typically refers to a high-performance **Fiber Amplifier System** or a specific industrial sensor/controller module (often associated with brands like Panasonic/Sunx or similar automation entities). Below is an overview of its core electronic components and functional architecture. --- ## 1. Core Electronic Components The FAS-G6-R is an integrated optoelectronic device. Its internal circuitry is divided into three main stages: | Component Type | Function | Key Specifications | | :--- | :--- | :--- | | **Emitter (LED/Laser)** | Generates the light source | Usually Red (660nm) or Infrared. | | **Photodetector** | Receives reflected/through-beam light | High-speed photodiode or CCD array. | | **Microcontroller (MCU)** | Processes signals and logic | 8-bit or 16-bit RISC architecture for fast response. | | **Digital Display** | User interface | 4-digit 7-segment LED (Dual display for PV/SV). | | **Output Stage** | Physical interface to PLC | NPN or PNP Transistor (Open Collector). | --- ## 2. Circuit Architecture The device operates through a sophisticated signal chain to ensure high precision in industrial environments. ### A. Signal Processing (Analog-to-Digital) * **Transimpedance Amplifier (TIA):** Converts the weak current from the photodiode into a measurable voltage. * **A/D Converter:** A high-speed converter transforms the analog signal into digital data for the MCU. ### B. Output & Control Logic * **Hysteresis Control:** Electronic filters prevent "chatter" (rapid switching) when the light level is near the threshold. * **Response Time Selection:** The internal clock can be adjusted (e.g., 250µs to 4ms) to prioritize speed or stability. --- ## 3. Technical Specifications The electronic performance is defined by the following parameters: | Feature | Description | | :--- | :--- | | **Supply Voltage** | 12 to 24V DC (±10% ripple) | | **Power Consumption** | Low power design, typically < 1000mW | | **Response Time** | High-speed mode (approx. 250µs) / Standard mode (1ms) | | **Protection Circuitry** | Reverse polarity protection, Overcurrent protection, and Short-circuit protection | | **I/O Logic** | Selectable Light-ON / Dark-ON via software | --- ## 4. Connection Interface The FAS-G6-R uses a standard industrial wiring scheme: * **Brown:** +V (12-24V DC) * **Blue:** 0V (GND) * **Black:** Control Output (Load) * **White/Pink (Optional):** External Input (Remote Teach or Reset) ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing distance supported by the FAS-G6-R fiber optic heads?
    • ⤷ How do you switch between NPN and PNP output modes on this device?
    • ⤷ Does this model support IO-Link communication for digital diagnostics?