Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FASD-61-R/Q

  • AI
    The **FASD-61-R/Q** is a precision electronic component typically associated with high-frequency applications, specifically serving as a **Dielectric Resonator Filter** or a specific high-stability oscillator component used in telecommunications and satellite equipment. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications The "FASD" series generally refers to high-performance filters designed for surface mount (SMD) applications where space is limited but high selectivity is required. | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Dielectric Bandpass Filter / Resonator | | **Frequency Range** | Typically S-Band or C-Band (Specific to '61' tuning) | | **Mounting Type** | SMD (Surface Mount Device) | | **Impedance** | 50 Ohms (Standard) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Key Electronic Features * **Low Insertion Loss:** Designed to allow the desired signal to pass with minimal power degradation (usually < 2.0 dB). * **High Q-Factor:** The "Q" in the suffix often denotes a high Quality Factor, meaning the filter has very sharp "skirts" (high selectivity) to reject out-of-band interference. * **Temperature Stability:** Uses ceramic dielectric materials with low thermal expansion coefficients to ensure frequency stability across wide temperature ranges. * **Small Footprint:** Optimized for modern PCB layouts where vertical height and board area are restricted. --- ### 3. Suffix Identification (R/Q) In electronic part numbering, suffixes provide critical information about the revision or packaging: * **-R:** Generally indicates **RoHS Compliance** (Lead-free) or **Tape & Reel** packaging for automated assembly. * **-Q:** Often indicates **Automotive Grade** qualification (AEC-Q200) or a specific **High-Q** performance binning. --- ### 4. Typical Applications These parts are integral to the RF (Radio Frequency) front-end of various communication systems: 1. **Satellite Downconverters:** Filtering noise from the LNB (Low Noise Block). 2. **Point-to-Point Radio:** Microwave backhaul equipment. 3. **GPS/GNSS Receivers:** Narrow-band filtering to prevent signal jamming. 4. **Radar Systems:** Pulse shaping and signal conditioning. --- ### 5. Installation Note When soldering the FASD-61-R/Q, it is vital to follow the recommended **Reflow Profile**. Excessive heat can crack the ceramic dielectric core, leading to a shift in the center frequency or total component failure. ```yaml Reflow_Parameters: Preheat_Temp: 150-180°C Peak_Temp: 245-260°C Cooling_Rate: 3°C/sec (max) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact center frequency of the FASD-61 variant?
    • ⤷ Is there a direct equivalent for this part from manufacturers like Murata or TDK?
    • ⤷ What are the specific dimensions of the SMD footprint for this part?