Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FBGS-R-20

  • AI
    Based on technical specifications for fiber optic sensing systems, the **FBGS-R-20** typically refers to a high-performance **Fiber Bragg Grating (FBG) Interrogator** or a specific rack-mounted sensing module. These devices are used to translate optical signals from fiber sensors into digital data for monitoring strain, temperature, or pressure. --- ### Core Electronic Components The FBGS-R-20 architecture is composed of several high-precision electronic and opto-electronic subsystems: | Component | Function | Description | | :--- | :--- | :--- | | **Tunable Laser Source** | Signal Generation | A high-speed swept wavelength laser that scans the optical spectrum. | | **Photodetectors** | Signal Conversion | Converts the reflected light from the FBGs into electrical voltage. | | **FPGA / DSP** | Data Processing | A Field Programmable Gate Array or Digital Signal Processor handles real-time peak detection algorithms. | | **A/D Converter** | Digitization | High-speed Analog-to-Digital converters (often 16-bit or higher) to sample the optical power levels. | | **SoC / CPU** | System Logic | Runs the embedded OS, manages Ethernet/USB communication, and data storage. | --- ### Key Technical Specifications The "20" in the model name often refers to the sampling frequency (20 Hz) or the number of available channels, depending on the specific manufacturer series (commonly associated with brands like **FBGS International** or **Luna/Micron Optics**). ### 1. Optical Interface * **Wavelength Range:** Typically covers the C-band (1510nm to 1590nm). * **Channels:** Usually supports multiple optical ports (up to 4 or 8) to multiplex dozens of sensors per fiber. ### 2. Connectivity & Power * **Interface:** RJ45 Ethernet (TCP/IP) for remote data logging and USB for local configuration. * **Power Supply:** Standard 12V-24V DC input or 110/220V AC rack-mount power supply. * **Triggering:** Includes TTL digital I/O for synchronizing data acquisition with external hardware. ### 3. Signal Processing Workflow ```mermaid graph LR A[Tunable Laser] --> B[Fiber Sensors] B --> C[Optical Receiver] C --> D[A/D Converter] D --> E[FPGA/DSP] E --> F[User Interface/API] ``` --- ### Application Usage The electronics are designed for high stability and low noise to ensure "sub-picometer" resolution. This makes the FBGS-R-20 suitable for: * **Structural Health Monitoring (SHM):** Monitoring bridges and dams. * **Aerospace:** Real-time wing strain measurements. * **Energy:** Temperature profiling in oil and gas pipelines or wind turbine blades.
    ✨ Follow-up Questions
    • ⤷ What is the maximum number of sensors that can be connected to the FBGS-R-20?
    • ⤷ How does the wavelength-to-digital conversion work in this specific model?
    • ⤷ Is the FBGS-R-20 compatible with standard SC/APC fiber connectors?