Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FCE-5D-R

  • AI
    The **FCE-5D-R** refers to a high-precision, fiber-optic based sensor or rotary joint component, commonly utilized in industrial automation for signal transmission between stationary and rotating parts. Below is a detailed breakdown of its electronic and structural characteristics. --- ### 1. Core Technical Specifications The "FCE" series typically denotes Fiber-Coax-Electronic integration. Here are the primary electronic parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Circuit Type** | 5-Channel Discrete / Analog | | **Max Voltage** | 240V AC/DC | | **Current Rating** | 2A to 5A per circuit | | **Signal Speed** | Up to 100 Mbps (model dependent) | | **Dielectric Strength** | 500V AC @ 50Hz | | **Insulation Resistance** | 1000MΩ / 500V DC | --- ### 2. Key Electronic Components #### A. Contact Technology The unit utilizes **Gold-on-Gold** contact technology. * **Purpose:** To ensure low electrical noise and minimal contact resistance. * **Benefit:** This is critical for transmitting sensitive low-voltage signals (like sensor data) without interference or degradation over millions of rotations. #### B. Fiber Optic Interface (The "F" in FCE) The "5D" often indicates the configuration of data channels. * **Optical Fiber:** Used for high-speed data transmission where electromagnetic interference (EMI) would disrupt copper wiring. * **Loss Rate:** Designed for low insertion loss (< 2dB), ensuring signal integrity over long distances or high-speed rotations. #### C. Wiring and Connectivity * **Lead Wires:** Usually color-coded silver-plated copper with PTFE (Teflon) insulation. This allows for high-temperature resistance and flexibility. * **R-Designation:** The "R" suffix often indicates a **Ruggedized** or **Rotary** specific housing, meaning the internal electronics are shielded against mechanical vibrations and moisture (often IP65 rated). --- ### 3. Application Use-Cases The FCE-5D-R is electronically designed for environments where both power and high-speed data must pass through a rotating interface: 1. **Robotic Arms:** Powering motors while receiving high-definition video or sensor feedback. 2. **CCTV/Surveillance:** Allowing 360-degree rotation of HD cameras without tangling wires. 3. **Medical Equipment:** Used in CT scanners or rotary surgical tools where signal precision is a matter of safety. 4. **Wind Turbines:** Transmitting blade pitch control signals and monitoring data. --- ### 4. Installation Safety Note ```markdown > [!CAUTION] > Always ensure that the total current load across all 5 channels does not exceed > the rated amperage of the device. Overloading can cause internal arcing, > leading to signal noise or permanent component failure. ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum rotational speed (RPM) supported by the FCE-5D-R?
    • ⤷ How does Gold-on-Gold contact technology compare to Silver contacts?
    • ⤷ What are the specific IP ratings for the FCE-5D-R in outdoor environments?