Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FCI2012F-R15K

  • AI
    ### Technical Overview of FCI2012F-R15K The **FCI2012F-R15K** is a surface-mount (SMD) multilayer chip inductor manufactured by **Bourns**. It is part of the FCI series, which is designed for high-density mounting and general-purpose signal processing applications. --- ### 1. Key Technical Specifications | Parameter | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 0.15 µH (150 nH) | Measured at 25 MHz | | **Tolerance** | ±10% | Denoted by the "K" suffix | | **Case Size** | 2012 (EIA 0805) | 2.0mm x 1.25mm footprint | | **Rated Current** | 300 mA | Maximum DC current allowed | | **DC Resistance (DCR)** | 0.35 Ω (Max) | Internal resistance | | **Self-Resonant Frequency** | 250 MHz (Min) | Frequency where it loses inductive properties | | **Operating Temp** | -40°C to +125°C | Industrial grade temperature range | --- ### 2. Physical Construction The part is built using **Multilayer Ceramic Technology**. Unlike wire-wound inductors, this model is constructed by layering conductive materials (silver or copper) and ferrite material, which are then fired into a monolithic block. **Benefits of this construction:** * **Magnetic Shielding:** The closed magnetic circuit minimizes crosstalk and electromagnetic interference (EMI). * **Durability:** No external wires to break, making it highly vibration-resistant. * **Compactness:** High inductance values can be achieved in small footprints. --- ### 3. Part Number Breakdown | Part Segment | Meaning | | :--- | :--- | | **FCI** | Series Name (Ferrite Chip Inductor) | | **2012** | Package Size (2.0mm x 1.25mm / 0805) | | **F** | Lead-free / RoHS Compliant | | **R15** | Inductance Value (R15 = 0.15 µH) | | **K** | Tolerance Code (±10%) | --- ### 4. Typical Applications The FCI2012F-R15K is commonly used in low-power electronic circuits for: * **Noise Suppression:** Filtering high-frequency noise in power supply lines. * **Signal Conditioning:** Impedance matching in RF and communication circuits. * **Consumer Electronics:** Mobile phones, tablets, and wearable technology where space is limited.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this ferrite chip inductor and a wire-wound inductor?
    • ⤷ How does the 'Self-Resonant Frequency' impact the performance of this part?
    • ⤷ Are there recommended soldering profiles for this 0805 package?