Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FCI2012F-R27K

  • AI
    ## Overview of FCI2012F-R27K The **FCI2012F-R27K** is a high-frequency multilayer chip inductor. It belongs to the **FCI series** (Ferrite Chip Inductors), designed specifically for surface mount technology (SMT) applications where space is limited and high reliability is required. --- ### 1. Technical Specifications | Parameter | Value | Notes | | :--- | :--- | :--- | | **Inductance** | 0.27 µH | Measured at 25 MHz | | **Tolerance** | ±10% | Indicated by the suffix 'K' | | **Case Size (EIA)** | 0805 | Metric: 2012 (2.0mm x 1.25mm) | | **Rated Current** | 250 mA | Maximum continuous current | | **DC Resistance (DCR)** | 0.45 Ω (Max) | Internal resistance of the coil | | **Self-Resonant Freq (SRF)** | 235 MHz | Minimum frequency | | **Operating Temp** | -40°C to +125°C | Standard industrial range | --- ### 2. Part Number Breakdown The part number follows a standardized nomenclature that defines its physical and electrical characteristics: 1. **FCI**: **Series Name** (Ferrite Chip Inductor). 2. **2012**: **Dimension Code** (2.0mm length x 1.2mm width). 3. **F**: **Material Code** (Refers to the ferrite material formulation). 4. **-R27**: **Inductance Value** (R denotes decimal; 0.27 microhenries). 5. **K**: **Tolerance Code** (K = ±10%; J would be ±5%). --- ### 3. Key Electronic Features * **Multilayer Structure:** Unlike wire-wound inductors, this part is built using a screen-printing process of ferrite and conductor layers, resulting in a monolithic, magnetically shielded structure. * **Magnetic Shielding:** Because the magnetic flux is contained within the body, it minimizes crosstalk between components, allowing for high-density PCB layouts. * **High Q Factor:** Optimized for stable performance at high frequencies. * **Solderability:** Features nickel barrier terminations with a tin overplate to prevent "leaching" during the soldering process. --- ### 4. Common Applications Due to its small footprint and 0.27 µH inductance, it is typically used in: * **RF Circuits:** Impedance matching and resonance circuits. * **Filtering:** Noise suppression in high-speed signal lines. * **Mobile Electronics:** Power management modules for smartphones and tablets. * **Computer Peripherals:** Localized decoupling in motherboards and GPU cards. ---
    ✨ Follow-up Questions
    • ⤷What are the main differences between this ferrite chip inductor and a wire-wound inductor?
    • ⤷ Can you explain how the 'Self-Resonant Frequency' affects circuit performance?
    • ⤷ What are the recommended soldering profiles for 0805 SMD components?