Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FCLM635S20LD2

  • AI
    The **FCLM635S20LD2** is a specific electronic component, typically categorized as a **Laser Diode Module**. It is widely used in industrial alignment, medical equipment, and sensing applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Specifications The technical parameters of the FCLM635S20LD2 define its performance and power requirements. | Parameter | Specification (Typical) | | :--- | :--- | | **Wavelength** | 635 nm (Visible Red Light) | | **Optical Output Power** | 20 mW | | **Operating Voltage** | 3.0V - 5.0V DC | | **Operating Current** | < 100 mA | | **Beam Shape** | Line or Dot (Model specific) | | **Operating Temperature** | -10°C to +50°C | --- ## 2. Key Electronic Components The module is not just a raw diode; it consists of an integrated assembly: ### A. Laser Diode (LD) The heart of the component is a semiconductor laser diode. At 635 nm, it provides a "brighter" red appearance to the human eye compared to the standard 650 nm diodes, despite having the same power output. ### B. Driver Circuit (APC/ACC) Most FCLM series modules include an internal **Automatic Power Control (APC)** circuit. * **Function:** It uses a feedback loop (via a photodiode) to maintain constant optical output power even if the temperature fluctuates or the battery voltage drops. * **Protection:** It prevents the diode from "thermal runaway," which could lead to instantaneous permanent damage. ### C. Optical Lens System The "FCLM" designation often implies a **focusable** or **collimated** lens. * **Material:** Usually glass or high-grade plastic. * **Adjustment:** Allows the user to tighten the beam into a fine point or a specific line width. --- ## 3. Wiring and Pinout The module typically features two or three lead wires: * **Red Wire:** Positive Supply ($V_{cc}$). Usually 3V to 5V. * **Black Wire:** Ground (GND). * **Yellow/White (Optional):** TTL Modulation. Some versions allow for high-speed switching (on/off) via a micro-controller (like an Arduino) for pulse-width modulation (PWM). --- ## 4. Operational Precautions To ensure the longevity of the FCLM635S20LD2, consider these electronic safety measures: 1. **Heat Dissipation:** Although 20mW is relatively low power, the module should be mounted in a metal heat sink (usually aluminum) if used continuously. 2. **ESD Sensitivity:** Like all laser diodes, this part is extremely sensitive to **Electrostatic Discharge**. Always use a grounding strap when handling. 3. **Voltage Spikes:** Ensure the power supply is regulated. A spike above 5.5V can instantly destroy the internal driver or the diode. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference in visibility between 635nm and 650nm laser diodes?
    • ⤷ How do I interface this module with an Arduino for PWM control?
    • ⤷ What are the specific cooling requirements for a 20mW laser module?