Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FCLM635S20LD3

  • AI
    ## FCLM635S20LD3: Electronic Overview The **FCLM635S20LD3** is a high-performance **Red Laser Diode Module**. It is designed for applications requiring a precise, visible red light source, such as industrial alignment, medical instrumentation, and sensing. --- ### 1. Key Technical Specifications Below are the primary electronic and optical characteristics typically associated with this module: | Parameter | Value/Range | Unit | | :--- | :--- | :--- | | **Wavelength** | 635 (±5) | nm | | **Optical Output Power** | 20 (Typical) | mW | | **Operating Voltage** | 3.0 - 5.0 | VDC | | **Operating Current** | < 80 | mA | | **Laser Class** | Class 3B | - | | **Beam Shape** | Circular / Elliptical | - | | **Operating Temperature** | -10 to +50 | °C | --- ### 2. Electronic Components & Functionality The module is not just a raw diode; it contains several electronic stages to ensure stability and safety: #### A. The Laser Diode (LD) * **Material:** AlGaInP (Aluminium Gallium Indium Phosphide) semiconductor. * **Function:** Converts electrical energy into coherent red light. At 635nm, the light appears significantly brighter to the human eye than standard 650nm lasers of the same power. #### B. Driver Circuitry (APC vs. ACC) Most modules in this series utilize an **Automatic Power Control (APC)** circuit: * **Feedback Loop:** Uses a built-in photodiode to monitor the laser's output. * **Regulation:** If the temperature rises (which usually decreases efficiency), the circuit adjusts the current to maintain a constant optical power output. #### C. Protection Components * **ESD Protection:** Includes diodes to protect the sensitive laser junction from Electrostatic Discharge. * **Reverse Polarity Protection:** Prevents damage if the power supply leads are connected incorrectly. --- ### 3. Connection Diagram (General) The module typically features three wires or pins, though two-wire versions exist: ```text Red Wire (+) -> Positive Supply (3.0V - 5.0V) Black Wire (-) -> Ground (GND) Yellow/Blue -> TTL Modulation / Enable (Optional) ``` --- ### 4. Critical Considerations 1. **Heat Dissipation:** Although it operates at low current, the module should be mounted on a metal heatsink or bracket to ensure long-term stability and prevent "thermal runaway." 2. **Modulation:** Depending on the specific driver version, this module may support **TTL modulation**, allowing you to turn the laser on and off rapidly for data transmission or pulsed applications. 3. **Eye Safety:** Because this is a 20mW laser, it is dangerous to the human eye. Proper shielding and interlocks are required in an electronic system design. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference in visibility between 635nm and 650nm lasers?
    • ⤷ How do I implement a TTL signal to control this laser module?
    • ⤷ What are the recommended heatsink specifications for a 20mW diode?