Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FCLM635S20LM3

  • AI
    The **FCLM635S20LM3** is a specialized optoelectronic component, specifically a **Coaxial Pigtailed Laser Diode Module**. These devices are designed to convert electrical energy into precise coherent light and are commonly used in industrial alignment, medical equipment, and fiber optic sensing. --- ## 1. Technical Specifications Table Below are the primary electronic and optical characteristics typically associated with this model: | Parameter | Specification | Units | | :--- | :--- | :--- | | **Peak Wavelength** | 635 (±5) | nm (Red) | | **Output Power** | 20 (Typical) | mW | | **Operating Current ($I_{op}$)** | 60 - 90 | mA | | **Operating Voltage ($V_{op}$)** | 2.2 - 2.6 | V | | **Threshold Current ($I_{th}$)** | 35 - 50 | mA | | **Fiber Type** | Single Mode (SM) / Multi-Mode (MM) | - | | **Connector Type** | FC/APC or FC/PC | - | | **Operating Temperature** | -10 to +50 | °C | --- ## 2. Key Electronic Components & Internal Structure The module is not just a light bulb; it consists of several critical semiconductor layers: ### A. The Laser Diode (LD) Chip The heart of the module is a **AlGaInP** (Aluminum Gallium Indium Phosphide) semiconductor. When a forward bias is applied, electrons recombine with holes, emitting photons at the 635nm wavelength (bright red). ### B. Monitoring Photodiode (PD) Most modules in this series include an internal photodiode. - **Function:** It measures the rear-facet light output of the laser. - **Electronic Feedback:** This signal is sent back to the driver circuit to ensure the output power remains constant even as the temperature changes (Automatic Power Control - APC). ### C. The Pigtail Assembly Unlike a standard TO-can laser, this has a "pigtail" (a fixed length of fiber optic cable). - **Optical Coupling:** The electronic light output is physically aligned and glued to the fiber core with micron-level precision. - **Protection:** The "LM3" designation usually refers to the specific housing or mount style providing strain relief for the electronic leads. --- ## 3. Circuit Integration Guide To operate this part safely, you must follow specific electronic protocols to prevent "blowout": ### Driving Method ```python # Conceptual logic for a Laser Driver Circuit def drive_laser(current): if current > MAX_LIMIT: shutdown("Overcurrent Protection") elif temperature > SAFETY_THRESHOLD: reduce_power("Thermal Throttling") else: maintain_output(feedback_from_photodiode) ``` ### Critical Precautions 1. **ESD Protection:** This part is extremely sensitive to Electrostatic Discharge. Use grounded wrist straps. 2. **Current Limiting:** Never connect this directly to a voltage source (like a battery) without a constant current driver. Even a microsecond of overcurrent will destroy the semiconductor junction. 3. **Heat Sinking:** While 20mW is relatively low power, the coaxial housing should be mounted to a metal surface to dissipate heat and maintain wavelength stability. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the FCLM635S20LM3?
    • ⤷ Does this laser module require a specific type of constant current driver?
    • ⤷ How does the 635nm wavelength compare to standard 650nm red lasers in terms of visibility?