Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FCR-1E-R

  • AI
    The **FCR-1E-R** is a specialized high-precision electronic component, typically classified as a **Film Capacitor** (specifically a Radial Lead Metallized Film Capacitor). These components are widely used in industrial electronics, power supplies, and signal-processing circuits. --- ## 1. Core Electronic Specifications The performance of the FCR-1E-R is defined by its dielectric properties and electrical tolerances. Below are the typical parameters associated with this series: | Parameter | Typical Value / Description | | :--- | :--- | | **Capacitance Range** | Varies by specific suffix (e.g., 0.1µF to 10µF) | | **Voltage Rating** | 25V to 100V DC (standard for '1E' designation) | | **Tolerance** | ±5% (J) or ±10% (K) | | **Dielectric Material** | Polyester (PET) or Polypropylene (PP) | | **Mounting Type** | Through-hole (Radial Leads) | | **Operating Temp** | -40°C to +85°C (up to 105°C with derating) | --- ## 2. Key Electronic Features ### A. Metallized Film Construction Unlike traditional foil capacitors, the "FCR" series utilizes a thin layer of metal vacuum-deposited directly onto the plastic film. * **Self-Healing Properties:** If a dielectric breakdown occurs due to a voltage spike, the thin metallization evaporates around the point of failure, preventing a short circuit. * **Compact Size:** High capacitance-to-volume ratio compared to paper or electrolytic capacitors. ### B. "1E" Designation In electronic coding, **1E** often refers to the **Rated Voltage**. According to the standard EIA/JIS capacitance coding: * **1E** corresponds to **25 Volts**. ### C. Low ESR and ESL Because of the radial lead construction and film technology, these parts exhibit: * **Low Equivalent Series Resistance (ESR):** Minimizes heat generation during high-frequency operation. * **Low Inductance:** Suitable for bypassing and decoupling applications. --- ## 3. Circuit Applications The FCR-1E-R is commonly integrated into the following electronic stages: 1. **Filtering:** Used in DC-DC converters to smooth out ripples in the output voltage. 2. **Coupling/Decoupling:** Blocks DC components while allowing AC signals to pass between amplifier stages. 3. **Timing Circuits:** Due to its stability over time and temperature, it is often used in RC (Resistor-Capacitor) timing networks. 4. **Noise Suppression:** Acting as a bypass capacitor to shunt high-frequency electromagnetic interference (EMI) to the ground. --- ## 4. Part Number Breakdown (Typical) * **FCR:** Series identifier (Film Capacitor Radial). * **1E:** Voltage Rating (25V). * **R:** Packaging/Form factor (often indicates "Radial" or "RoHS Compliant/Taped"). ---
    ✨ Follow-up Questions
    • ⤷ What is the specific capacitance value for your FCR-1E-R model?
    • ⤷ Do you need a comparison between the FCR series and ceramic capacitors?
    • ⤷ Are you looking for a replacement part with higher voltage tolerance?