Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FCR-4W0-R

  • AI
    The **FCR-4W0-R** is a specific model of a **Rotary Joint** (also known as a slip ring or rotary union) manufactured by **SPINNER GmbH**. It is primarily designed for high-frequency signal transmission in radar systems, satellite communications, and mobile communication test beds. --- ### 1. Key Technical Specifications The "FCR" series stands for **F**iber Optic/Coaxial **C**ombination **R**otary Joint (though this specific model is a 4-channel coaxial unit). | Parameter | Specification | | :--- | :--- | | **Part Number** | FCR-4W0-R | | **Component Type** | Coaxial Rotary Joint | | **Channels** | 4 (Quad-channel) | | **Frequency Range** | DC to 18 GHz (typical for W-series) | | **Interface/Connector** | SMA or N-type (Female) | | **Rotation Speed** | Up to 60 RPM (Standard) | | **Housing Material** | Aluminum / Stainless Steel | --- ### 2. Electronic & RF Components This device is not a "circuit board" in the traditional sense; it is a sophisticated electromechanical RF component. Its internal electronic parts include: * **Coaxial Transmission Lines:** Precision-machined gold-plated conductors that carry high-frequency signals with minimal loss. * **Rotary Interface:** A set of non-contacting or contacting junctions that allow the signal to pass from a stationary base to a rotating antenna/platform without twisting cables. * **RF Shielding:** Heavy metal housing designed to prevent Electromagnetic Interference (EMI) and cross-talk between the 4 channels. * **Impedance Matching Transformers:** Internal structures that maintain a consistent **50 Ohm impedance** across the rotating interface to minimize VSWR (Voltage Standing Wave Ratio). --- ### 3. Applications The FCR-4W0-R is utilized in environments where high-speed data or RF signals must be transmitted across a rotating 360° axis: 1. **Radar Systems:** Connecting a rotating radar dish to a stationary transmitter/receiver. 2. **SATCOM (Satellite Communications):** Used in stabilized marine or airborne antennas. 3. **Measurement Technology:** Rotating test tables for verifying 5G/6G antenna patterns. --- ### 4. Component Maintenance * **Low Friction Bearings:** Ensure smooth mechanical rotation. * **Lubrication:** High-grade specialty grease is used internally to reduce wear on contact surfaces. * **Environmental Sealing:** Usually rated for IP54 or higher to protect internal RF paths from dust and moisture. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power handling capacity of the FCR-4W0-R?
    • ⤷ How does a coaxial rotary joint differ from a standard electrical slip ring?
    • ⤷ What are the common failure modes for 4-channel rotary joints?