Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FCR-A1D-R

  • AI
    The **FCR-A1D-R** is a specific model of an electronic component typically associated with **Fuji Electric** or **Fujitsu** (often related to relay or thermal control series). Based on its nomenclature, it is categorized as a high-performance **Solid State Relay (SSR)** or a specialized **Thermal Overload Relay Accessory**. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The FCR series is designed for precision switching and protection in industrial automation environments. | Feature | Specification | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) / Control Component | | **Control Voltage** | 4-32V DC (Typical for "D" designation) | | **Rated Load Current** | 1A to 25A (Model dependent, A1 usually signifies 10-15A range) | | **Switching Type** | Zero-Cross Switching (Reduces EMI/RFI) | | **Output Type** | Triac or Thyristor | | **Mounting Type** | DIN Rail or Panel Mount | --- ### 2. Key Electronic Parts & Construction The internal architecture of the FCR-A1D-R consists of several critical stages to ensure safe power handling: * **Input Stage (Opto-Isolator):** Uses an infrared LED and a phototransistor to provide galvanic isolation (usually up to 2,500V or 4,000V) between the control signal and the high-voltage load. * **Zero-Crossing Circuit:** A timing circuit that ensures the relay only switches "ON" when the AC voltage waveform is at the zero-volt point. This prevents large current inrushes and protects sensitive electronic loads. * **Output Power Element:** High-speed switching device (Triac/SCR) capable of handling high-frequency cycles without mechanical wear. * **Snubber Circuit:** An internal RC (Resistor-Capacitor) network that protects the device from voltage spikes ($dv/dt$) caused by inductive loads like motors or solenoids. --- ### 3. Application Use Cases This component is frequently found in the following systems: 1. **PID Temperature Control:** Rapidly switching heaters on and off to maintain a precise temperature. 2. **Motor Starters:** Managing small AC motors where silent operation and high reliability are required. 3. **Lighting Arrays:** Controlling large banks of industrial lighting without the "click" noise or contact arcing of mechanical relays. --- ### 4. Wiring Diagram (Logical Representation) ```mermaid graph LR A[Control DC +] --> B(FCR-A1D-R Input) C[Control DC -] --> B D[AC Phase] --> E(FCR-A1D-R Output) E --> F[Load / Heater] F --> G[AC Neutral] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current capacity for the FCR-A1D-R?
    • ⤷ How does zero-cross switching differ from random switching in this model?
    • ⤷ What are the heat dissipation requirements for mounting this relay?