Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • FCR-BZ-R

  • AI
    The **FCR-BZ-R** is a specific series of **FPC/FFC (Flexible Printed Circuit / Flexible Flat Cable) Connectors** manufactured by **Fujikura**. These components are designed for high-density electronic assemblies, commonly found in consumer electronics, automotive displays, and medical devices. --- ## 1. Technical Specifications The FCR-BZ-R series is characterized by its "Backlock" mechanism and low-profile design. Below are the primary electronic and physical specifications: | Parameter | Specification Details | | :--- | :--- | | **Pitch Distance** | Typically 0.3mm or 0.5mm (varies by specific sub-model) | | **Circuit Count** | Range from 10 to 60+ positions | | **Current Rating** | Approximately 0.2A - 0.5A per pin | | **Voltage Rating** | 50V AC/DC | | **Contact Resistance** | Max 50mΩ - 100mΩ | | **Insulation Resistance** | Min 500MΩ at 500V DC | | **Operating Temp** | -40°C to +85°C (standard industrial grade) | --- ## 2. Key Design Features ### A. Backlock (Rotary Storage) Mechanism The "BZ" in the part number often refers to the **Backlock** type actuator. Unlike front-flip connectors, the locking lever is located on the opposite side of the cable entry. * **Electronic Integrity:** This design ensures that the FPC cable does not easily pull out during the locking process, maintaining a stable electrical connection. * **Space Saving:** Allows for components to be placed closer to the connector mouth. ### B. ZIF (Zero Insertion Force) The connector utilizes ZIF technology. This means there is no friction against the delicate gold-plated fingers of the FPC when it is inserted. This prevents: * Physical wear on the contact pads. * Intermittent signals caused by pad delamination. ### C. Bottom Contact Configuration The "R" in the suffix usually denotes the contact orientation (often **Bottom Contact**). This means the conductive traces on the flexible cable must face downwards toward the PCB to complete the circuit. --- ## 3. Typical Application Schematic In a hardware design, the FCR-BZ-R functions as the bridge between a main logic board and a peripheral. ```mermaid graph LR A[Main PCB] --- B[FCR-BZ-R Connector] B --- C[Flexible Flat Cable] C --- D[LCD Display / Sensor] ``` --- ## 4. Materials and Reliability * **Housing:** High-temperature Thermoplastic (LCP - Liquid Crystal Polymer), suitable for lead-free reflow soldering. * **Contacts:** Copper alloy with selective **Gold over Nickel** plating to prevent oxidation and ensure long-term conductivity. * **Solder Tabs:** Provided on the sides of the connector to increase mechanical "peel strength" off the PCB during cable manipulation.
    ✨ Follow-up Questions
    • ⤷ What are the specific PCB footprint requirements for the 0.3mm pitch FCR-BZ-R?
    • ⤷ How does the Backlock mechanism compare to a Side-entry slider in terms of durability?
    • ⤷ Which specific FPC thickness is required for the FCR-BZ-R series?